Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S8351 Datasheet(PDF) 13 Page - Seiko Instruments Inc

Part # S8351
Description  STEP-UP, BUILT-IN / EXTERNAL FET PFM CONTROL SWITCHING REGULATOR / SWITCHING REGULATOR CONTROLLER
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8351 Datasheet(HTML) 13 Page - Seiko Instruments Inc

Back Button S8351 Datasheet HTML 9Page - Seiko Instruments Inc S8351 Datasheet HTML 10Page - Seiko Instruments Inc S8351 Datasheet HTML 11Page - Seiko Instruments Inc S8351 Datasheet HTML 12Page - Seiko Instruments Inc S8351 Datasheet HTML 13Page - Seiko Instruments Inc S8351 Datasheet HTML 14Page - Seiko Instruments Inc S8351 Datasheet HTML 15Page - Seiko Instruments Inc S8351 Datasheet HTML 16Page - Seiko Instruments Inc S8351 Datasheet HTML 17Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 51 page
background image
STEP-UP, BUILT-IN / EXTERNAL FET PFM CONTROL SWITCHING REGULATOR / SWITCHING REGULATOR CONTROLLER
Rev.3.0_01
S-8351/8352 Series
13
(2) S-8352 Series
Table 16 (1 / 2)
(Ta = 25
°C unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Measurement
circuit
Output voltage
VOUT
−
VOUT(S)
× 0.976
VOUT(S) VOUT(S)
× 1.024
V
3
Input voltage
VIN
−
−
−
10
V
3
Operation start voltage
VST1
IOUT = 1 mA
−
−
0.9
V
3
Oscillation start voltage
VST2
No external parts, Voltage applied to VOUT
−
−
0.8
V
4
Current consumption 1
ISS1
VOUT = VOUT(S)
× 0.95
S-8352x15 to 19
−
7.4
12.3
μA
4
S-8352x20 to 29
−
12.0
20.0
μA
4
S-8352x30 to 39
−
17.8
29.6
μA
4
S-8352x40 to 49
−
24.7
41.1
μA
4
S-8352x50 to 59
−
32.7
54.5
μA
4
S-8352x60 to 65
−
43.0
71.6
μA
4
Current consumption 2
ISS2
VOUT = VOUT(S)
+ 0.5 V
S-8352x15 to 19
−
2.3
3.5
μA
4
S-8352x20 to 29
−
2.5
3.8
μA
4
S-8352x30 to 39
−
2.7
4.1
μA
4
S-8352x40 to 49
−
2.9
4.4
μA
4
S-8352x50 to 59
−
3.1
4.7
μA
4
S-8352x60 to 65
−
3.3
5.1
μA
4
Current consumption during
shutdown
(With shutdown function)
ISSS
OFF
/
ON
V
= 0 V
−
−
0.5
μA
4
EXT pin output current
IEXTH
VEXT = VOUT
− 0.4 V
S-8352x15 to 19
− 3.5
− 6.3
−
mA
4
S-8352x20 to 24
− 5.2
− 9.4
−
mA
4
S-8352x25 to 29
− 6.8 − 12.3
−
mA
4
S-8352x30 to 39
− 8.2 − 14.9
−
mA
4
S-8352x40 to 49
− 10.7 − 19.4
−
mA
4
S-8352x50 to 59
− 12.5 − 22.8
−
mA
4
S-8352x60 to 65
− 13.9 − 25.2
−
mA
4
IEXTL
VEXT =
− 0.4 V
S-8352x15 to 19
3.8
6.9
−
mA
4
S-8352x20 to 24
5.6
10.2
−
mA
4
S-8352x25 to 29
7.3
13.3
−
mA
4
S-8352x30 to 39
8.9
16.2
−
mA
4
S-8352x40 to 49
11.6
21.1
−
mA
4
S-8352x50 to 59
13.7
25.0
−
mA
4
S-8352x60 to 65
15.3
27.8
−
mA
4
Line regulation
ΔVOUT1
VIN = VOUT(S)
× 0.4 to × 0.6
−
30
60
mV
3
Load regulation
ΔVOUT2
IOUT = 10
μA to VOUT(S) / 100 × 1.25
−
30
60
mV
3
Output voltage temperature
coefficient
OUT
OUT
V
Ta
∆
V
∆
•
Ta =
− 40°C to + 85°C
−
±50
−
ppm /
°C
3
Oscillation frequency
fOSC
VOUT = VOUT(S)
× 0.95,
Measured waveform at EXT pin
90
100
110
kHz
4
Duty ratio 1
Duty1
VOUT = VOUT(S)
× 0.95,
Measured waveform at EXT
70
75
80
%
4
Duty ratio 2
(For A, B, D type)
Duty2
Measured waveform at EXT pin at light load
−
50
−
%
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com