Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

16235LEDLED Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # 16235LEDLED
Description  PACIFIC DISPLAY DEVICES
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

16235LEDLED Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button 16235LEDLED Datasheet HTML 2Page - List of Unclassifed Manufacturers 16235LEDLED Datasheet HTML 3Page - List of Unclassifed Manufacturers 16235LEDLED Datasheet HTML 4Page - List of Unclassifed Manufacturers 16235LEDLED Datasheet HTML 5Page - List of Unclassifed Manufacturers 16235LEDLED Datasheet HTML 6Page - List of Unclassifed Manufacturers 16235LEDLED Datasheet HTML 7Page - List of Unclassifed Manufacturers 16235LEDLED Datasheet HTML 8Page - List of Unclassifed Manufacturers 16235LEDLED Datasheet HTML 9Page - List of Unclassifed Manufacturers 16235LEDLED Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY MODULE
MODEL NO: 16235
PACIFIC DISPLAY DEVICES
07.01.2003
6
2. ELECTRICAL / OPTICAL CHARACTERISTICS
2.1 DC Electrical Characteristics (VDD = +5V±10% , VSS = 0V, Ta = 25°C )
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Supply voltage for logic
VDD
---
4.5
5.0
5.5
V
Supply current for logic
IDD
---
---
1.38
3
mA
0°C
4.7
5.0
5.3
V
25°C
4.4
4.7
5.0
V
Operating voltage for LCD*
VDD-VO
50°C
4.2
4.5
4.8
V
Input voltage ' H ' level
VIH
---
2.2
---
VDD
V
Input voltage ' L ' level
VIL
---
-0.3
---
0.6
V
*Note: -ET temp range will require up to 8V biasing and require a minimum external voltage supply of -3V @-20°C.
2.2 AC Electrical Characteristics
• Write Mode
Characteristic
Symbol
Min.
Typ.
Max.
Unit
Test pin
E cycle time
tC
500
---
---
ns
E
E rise time
tr
---
---
25
ns
E
E fall time
tf
---
---
25
ns
E
E pulse width (High, Low)
tW
220
---
---
ns
E
R/W and RS set-up time
tSU1
40
---
---
ns
R/W, RS
R/W and RS hold time
th1
10
---
---
ns
R/W, RS
Data set-up time
tSU2
60
---
---
ns
DB0 ~ DB7
Data hold time
th2
10
---
---
ns
DB0 ~ DB7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com