Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

16235LEDLED Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # 16235LEDLED
Description  PACIFIC DISPLAY DEVICES
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

16235LEDLED Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button 16235LEDLED Datasheet HTML 9Page - List of Unclassifed Manufacturers 16235LEDLED Datasheet HTML 10Page - List of Unclassifed Manufacturers 16235LEDLED Datasheet HTML 11Page - List of Unclassifed Manufacturers 16235LEDLED Datasheet HTML 12Page - List of Unclassifed Manufacturers 16235LEDLED Datasheet HTML 13Page - List of Unclassifed Manufacturers 16235LEDLED Datasheet HTML 14Page - List of Unclassifed Manufacturers 16235LEDLED Datasheet HTML 15Page - List of Unclassifed Manufacturers 16235LEDLED Datasheet HTML 16Page - List of Unclassifed Manufacturers 16235LEDLED Datasheet HTML 17Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY MODULE
MODEL NO: 16235
PACIFIC DISPLAY DEVICES
07.01.2003
15
5. PRECAUTIONS FOR USING LCD MODULES
Installing LCD Modules
The hole in the printed circuit board is used to fix LCM as shown in the picture below. Attend to the following items when
installing the LCM.
1) Cover the surface with a transparent protective plate to protect the polarizer and LC cell.
2) When assembling the LCM into other equipment, the spacer to the bit between the LCM and the fitting plate
should have enough height to avoid causing stress to the module surface, refer to the individual specifications for
measurements. The measurement tolerance should be
±0.1mm.
Precaution for Handing LCD Modules
Since LCM has been assembled and adjusted with a high degree of precision, avoid applying excessive shocks to the module or
making any alterations or modifications to it.
1) Cover the surface with a transparent protective plate to protect the polarizer and LC cell.
2) Do not alter, modify or change the shape of the tab on the metal frame.
3) Do not make extra holes on the printed circuit board, modify its shape or change the positions of components to
be attached.
4) Do not damage or modify the pattern writing on the printed circuit board.
5) Absolutely do not modify the zebra rubber strip (conductive rubber) or heat seal connector.
6) Except for soldering the interface, do not make any alterations or modifications with a soldering iron.
7) Do not drop, bend or twist LCM.
Electro-Static Discharge Control
Since this module uses a CMOS LSI, the same careful attention should be paid to electrostatic discharge as for an ordinary
CMOS IC.
1) Make certain that you are grounded when handing LCM.
2) Before remove LCM from its packing case or incorporating it into a set, be sure the module and your body have
the same electric potential.
3) When soldering the terminal of LCM, make certain the AC power source for the soldering iron does not leak.
4) When using an electric screwdriver to attach LCM, the screwdriver should be of ground potentiality to minimize
as much as possible any transmission of electromagnetic waves produced sparks coming from the commutator of
the motor.
5) As far as possible make the electric potential of your work clothes and that of the work bench the ground
potential.
6) To reduce the generation of static electricity be careful that the air in the work is not too dried. A relative
humidity of 50%-60% is recommended.
Precaution for soldering to the LCM
1) Observe the following when soldering lead wire, connector cable and etc. to the LCM.
a) Soldering iron temperature : 280
°C ± 10°C.
b) Soldering time : 3-4 sec.
2) Solder : eutectic solder.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com