Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

16235LEDLED Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # 16235LEDLED
Description  PACIFIC DISPLAY DEVICES
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

16235LEDLED Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button 16235LEDLED Datasheet HTML 8Page - List of Unclassifed Manufacturers 16235LEDLED Datasheet HTML 9Page - List of Unclassifed Manufacturers 16235LEDLED Datasheet HTML 10Page - List of Unclassifed Manufacturers 16235LEDLED Datasheet HTML 11Page - List of Unclassifed Manufacturers 16235LEDLED Datasheet HTML 12Page - List of Unclassifed Manufacturers 16235LEDLED Datasheet HTML 13Page - List of Unclassifed Manufacturers 16235LEDLED Datasheet HTML 14Page - List of Unclassifed Manufacturers 16235LEDLED Datasheet HTML 15Page - List of Unclassifed Manufacturers 16235LEDLED Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY MODULE
MODEL NO: 16235
PACIFIC DISPLAY DEVICES
07.01.2003
12
• Initializing by Instruction
Power On
|
Wait for more than 15ms after VDD rises to 4.5V
|
RS R/W DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0
0
0
0
0
1
1
*
*
*
*
BF cannot be checked before this instruction.
Function Set
|
Wait for more than 4.1ms
|
RS R/W DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0
0
0
0
0
1
1
*
*
*
*
BF cannot be checked before this instruction.
Function Set
|
Wait for more than 100
µs
|
RS R/W DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0
0
0
0
0
1
1
*
*
*
*
BF cannot be checked before this instruction.
Function Set
|
|
|
|
|
BF can be checked after following
instruction.
When BF is not checked, the waiting time
between instructions is longer than execution
instruction time.
|
RS R/W DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0
0
0
0
0
1
1
N
F
*
*
Function Set (Specify the number of display
lines and character font.) The number of
display lines and character font cannot be
changed afterwards.
0
0
0
0
0
0
1
0
0
0
Display Off
0
0
0
0
0
0
0
0
0
1
Display Clear
0
0
0
0
0
0
0
1
I/D
S
Entry Mode Set
|
|
Initialization ends



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com