Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8734EDS Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers

Part # WM8734EDS
Description  STEREO AUDIO CODEC
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

WM8734EDS Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button WM8734EDS Datasheet HTML 34Page - List of Unclassifed Manufacturers WM8734EDS Datasheet HTML 35Page - List of Unclassifed Manufacturers WM8734EDS Datasheet HTML 36Page - List of Unclassifed Manufacturers WM8734EDS Datasheet HTML 37Page - List of Unclassifed Manufacturers WM8734EDS Datasheet HTML 38Page - List of Unclassifed Manufacturers WM8734EDS Datasheet HTML 39Page - List of Unclassifed Manufacturers WM8734EDS Datasheet HTML 40Page - List of Unclassifed Manufacturers WM8734EDS Datasheet HTML 41Page - List of Unclassifed Manufacturers WM8734EDS Datasheet HTML 42Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 39 / 42 page
background image
WM8734
Advanced Information
w
AI Rev 2.2 November 2001
39
PACKAGE DIMENSIONS (SSOP)
NOTES:
A. ALL LINEAR DIMENSIONS ARE IN MILLIMETERS.
B. THIS DRAWING IS SUBJECT TO CHANGE WITHOUT NOTICE.
C. BODY DIMENSIONS DO NOT INCLUDE MOLD FLASH OR PROTRUSION, NOT TO EXCEED 0.20MM.
D. MEETS JEDEC.95 MO-150, VARIATION = AE. REFER TO THIS SPECIFICATION FOR FURTHER DETAILS.
DM0015.A
DS: 20 PIN SSOP (7.2 x 5.3 x 1.75 mm)
Symbols
Dimensions
(mm)
MIN
NOM
MAX
A
-----
-----
2.0
A1
0.05
-----
-----
A2
1.65
1.75
1.85
b
0.22
-----
0.38
c
0.09
-----
0.25
D
6.90
7.20
7.50
e
0.65 BSC
E
7.40
7.80
8.20
E1
5.00
5.30
5.60
L
0.55
0.75
0.95
θθθθ
0
o
4
o
8
o
REF:
JEDEC.95, MO-150
Θ
ΘΘ
Θ
c
L
GAUGE
PLANE
0.25
A A2
A1
SEATING PLANE
-C-
0.10 C
10
1
D
11
20
e
b
E1
E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com