Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8734EDS Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # WM8734EDS
Description  STEREO AUDIO CODEC
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

WM8734EDS Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button WM8734EDS Datasheet HTML 9Page - List of Unclassifed Manufacturers WM8734EDS Datasheet HTML 10Page - List of Unclassifed Manufacturers WM8734EDS Datasheet HTML 11Page - List of Unclassifed Manufacturers WM8734EDS Datasheet HTML 12Page - List of Unclassifed Manufacturers WM8734EDS Datasheet HTML 13Page - List of Unclassifed Manufacturers WM8734EDS Datasheet HTML 14Page - List of Unclassifed Manufacturers WM8734EDS Datasheet HTML 15Page - List of Unclassifed Manufacturers WM8734EDS Datasheet HTML 16Page - List of Unclassifed Manufacturers WM8734EDS Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
WM8734
Advanced Information
w
AI Rev 2.2 November 2001
13
12.5K
VMID
LINEIN
To
ADC
Figure 8 Line Input Schematic
The gain between the line inputs and the ADC is logarithmically adjustable from +12dB to –34.5dB in
1.5dB steps under software control. The ADC Full Scale input is 1.0V rms at AVDD = 3.3 volts. Any
voltage greater than full scale will possibly overload the ADC and cause distortion. Note that the full
scale input tracks directly with AVDD. The gain is independently adjustable on both Right and Left
Line Inputs. However, by setting the INBOTH bit whilst programming the volume control, both
channels are simultaneously updated with the same value. Use of INBOTH reduces the required
number of software writes required. The line inputs to the ADC can be muted in the analogue domain
under software control. The software control registers are shown below.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
4:0
LINVOL[4:0]
10111
( 0dB )
Left Channel Line Input Volume
Control
11111 = +12dB . . 1.5dB steps down
to 00000 = -34.5dB
7
LINMUTE
1
Left Channel Line Input Mute to ADC
1 = Enable Mute
0 = Disable Mute
0000000
Left Line In
8
LRINBOTH
0
Left to Right Channel Line Input
Volume and Mute Data Load Control
1 = Enable Simultaneous Load of
LINVOL[4:0] and LINMUTE to
RINVOL[4:0] and RINMUTE
0 = Disable Simultaneous Load
4:0
RINVOL[4:0]
10111
( 0dB )
Right Channel Line Input Volume
Control
11111 = +12dB . .1.5dB steps down
to 00000 = -34.5dB
7
RINMUTE
1
Right Channel Line Input Mute to
ADC
1 = Enable Mute
0 = Disable Mute
0000001
Right Line In
8
RLINBOTH
0
Right to Left Channel Line Input
Volume and Mute Data Load Control
1 = Enable Simultaneous Load of
RINVOL[4:0] and RINMUTE to
LINVOL[4:0] and LINMUTE
0 = Disable Simultaneous Load
Table 1 Line Input Software Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com