Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8734EDS Datasheet(PDF) 40 Page - List of Unclassifed Manufacturers

Part # WM8734EDS
Description  STEREO AUDIO CODEC
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

WM8734EDS Datasheet(HTML) 40 Page - List of Unclassifed Manufacturers

Back Button WM8734EDS Datasheet HTML 34Page - List of Unclassifed Manufacturers WM8734EDS Datasheet HTML 35Page - List of Unclassifed Manufacturers WM8734EDS Datasheet HTML 36Page - List of Unclassifed Manufacturers WM8734EDS Datasheet HTML 37Page - List of Unclassifed Manufacturers WM8734EDS Datasheet HTML 38Page - List of Unclassifed Manufacturers WM8734EDS Datasheet HTML 39Page - List of Unclassifed Manufacturers WM8734EDS Datasheet HTML 40Page - List of Unclassifed Manufacturers WM8734EDS Datasheet HTML 41Page - List of Unclassifed Manufacturers WM8734EDS Datasheet HTML 42Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 40 / 42 page
background image
WM8734
Advanced Information
w
AI Rev 2.2 November 2001
40
PACKAGE DIMENSIONS (QFN)
DM023.C
FL: 28 PIN QFN PLASTIC PACKAGE 5 X 5 X 0.9 mm BODY, 0.50 mm LEAD PITCH
14
13
b
15
C
aaa
L
D2/2
D2
E2
E2/2
SEE DETAIL B
INDEX AREA
(D/2 X E/2)
C
aaa
2 X
2 X
C
C
0.08
C
ccc
A
A1
(A3)
SEATING PLANE
B
C
ccc M
A
DETAIL B
TERMINAL TIP
R
1
NOTES:
1. DIMENSION b APPLIED TO METALLIZED TERMINAL AND IS MEASURED BETWEEN 0.25 mm AND 0.30 mm FROM TERMINAL TIP.
2. FALLS WITHIN JEDEC.95, MO-220 WITH THE EXCEPTION OF D2, E2, A3:
D2,E2: LARGER PAD SIZE CHOSEN WHICH IS JUST OUTSIDE JEDEC SPECIFICATION
A3:
NOMINAL VALUE LESS THAN JEDEC
3. ALL DIMENSIONS ARE IN MILLIMETRES
4. THIS DRAWING IS SUBJECT TO CHANGE WITHOUT NOTICE.
Symbols
Dimensions (mm)
MIN
NOM
MAX
NOTE
A
0.80
0.90
1.00
b
0.18
0.23
0.30
1
D
5.00 BSC
D2
3.2
3.3
3.4
E
5.00 BSC
E2
3.2
3.3
3.4
e
0.5 BSC
L
0.35
0.4
0.45
2
2
A1
0
0.02
0.05
A3
0.2 REF
TOP VIEW
B
B
A
A
DATUM
e
R
b(min)/2
aaa
0.15
ccc
0.10
REF:
JEDEC.95, MO-220, VARIATION VHHD-1
Tolerances of Form and Position
2
27
28
1
2
7
8
21
22
e
D
E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com