Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8978GEFL/V Datasheet(PDF) 40 Page - Wolfson Microelectronics plc

Part # WM8978GEFL/V
Description  STEREO CODEC WITH SPEAKER DRIVER
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8978GEFL/V Datasheet(HTML) 40 Page - Wolfson Microelectronics plc

Back Button WM8978GEFL/V Datasheet HTML 36Page - Wolfson Microelectronics plc WM8978GEFL/V Datasheet HTML 37Page - Wolfson Microelectronics plc WM8978GEFL/V Datasheet HTML 38Page - Wolfson Microelectronics plc WM8978GEFL/V Datasheet HTML 39Page - Wolfson Microelectronics plc WM8978GEFL/V Datasheet HTML 40Page - Wolfson Microelectronics plc WM8978GEFL/V Datasheet HTML 41Page - Wolfson Microelectronics plc WM8978GEFL/V Datasheet HTML 42Page - Wolfson Microelectronics plc WM8978GEFL/V Datasheet HTML 43Page - Wolfson Microelectronics plc WM8978GEFL/V Datasheet HTML 44Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 78 page
background image
WM8978
Product Preview
w
PP Rev 1.7 January 2005
40
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
5
DACR2LMIX
0
Right DAC output to left output
mixer
0 = not selected
1 = selected
R49
Output mixer
control
6
DACL2RMIX
0
Left DAC output to right output mixer
0 = not selected
1 = selected
0
DACL2LMIX
1
Left DAC output to left output mixer
0 = not selected
1 = selected
1
BYPL2LMIX
0
Left bypass path (from the left
channel input boost output) to left
output mixer
0 = not selected
1 = selected
4:2
BYPLMIXVOL
000
Left bypass volume contol to output
channel mixer:
000 = -15dB
001 = -12dB
…
101 = 0dB
110 = +3dB
111 = +6dB
5
AUXL2LMIX
0
Left Auxilliary input to left channel
output mixer:
0 = not selected
1 = selected
R50
Left channel
output mixer
control
8:6
AUXLMIXVOL
000
Aux left channel input to left mixer
volume control:
000 = -15dB
001 = -12dB
…
101 = 0dB
110 = +3dB
111 = +6dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com