Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8978GEFL/V Datasheet(PDF) 56 Page - Wolfson Microelectronics plc

Part # WM8978GEFL/V
Description  STEREO CODEC WITH SPEAKER DRIVER
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8978GEFL/V Datasheet(HTML) 56 Page - Wolfson Microelectronics plc

Back Button WM8978GEFL/V Datasheet HTML 52Page - Wolfson Microelectronics plc WM8978GEFL/V Datasheet HTML 53Page - Wolfson Microelectronics plc WM8978GEFL/V Datasheet HTML 54Page - Wolfson Microelectronics plc WM8978GEFL/V Datasheet HTML 55Page - Wolfson Microelectronics plc WM8978GEFL/V Datasheet HTML 56Page - Wolfson Microelectronics plc WM8978GEFL/V Datasheet HTML 57Page - Wolfson Microelectronics plc WM8978GEFL/V Datasheet HTML 58Page - Wolfson Microelectronics plc WM8978GEFL/V Datasheet HTML 59Page - Wolfson Microelectronics plc WM8978GEFL/V Datasheet HTML 60Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 78 page
background image
WM8978
Product Preview
w
PP Rev 1.7 January 2005
56
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0
MS
0
Sets the chip to be master over LRC
and BCLK
0=BCLK and LRC clock are inputs
1=BCLK and LRC clock are outputs
generated by the WM8978 (MASTER)
4:2
BCLKDIV
000
Configures the BCLK output frequency,
for use when the chip is master over
BCLK.
000=divide by 1 (BCLK=MCLK)
001=divide by 2 (BCLK=MCLK/2)
010=divide by 4
011=divide by 8
100=divide by 16
101=divide by 32
110=reserved
111=reserved
7:5
MCLKDIV
010
Sets the scaling for either the MCLK or
PLL clock output (under control of
CLKSEL)
000=divide by 1
001=divide by 1.5
010=divide by 2
011=divide by 3
100=divide by 4
101=divide by 6
110=divide by 8
111=divide by 12
R6
Clock
Generation
Control
8
CLKSEL
1
Controls the source of the clock for all
internal operation:
0=MCLK
1=PLL output
Table 45 Clock Control
LOOPBACK
Setting the LOOPBACK register bit enables digital loopback. When this bit is set the output data
from the ADC audio interface is fed directly into the DAC data input.
COMPANDING
The WM8978 supports A-law and
µ-law companding and linear mode on both transmit (ADC) and
receive (DAC) sides. Companding can be enabled on the DAC or ADC audio interfaces by writing
the appropriate value to the DAC_COMP or ADC_COMP register bits respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com