Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8978GEFL/V Datasheet(PDF) 62 Page - Wolfson Microelectronics plc

Part # WM8978GEFL/V
Description  STEREO CODEC WITH SPEAKER DRIVER
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8978GEFL/V Datasheet(HTML) 62 Page - Wolfson Microelectronics plc

Back Button WM8978GEFL/V Datasheet HTML 58Page - Wolfson Microelectronics plc WM8978GEFL/V Datasheet HTML 59Page - Wolfson Microelectronics plc WM8978GEFL/V Datasheet HTML 60Page - Wolfson Microelectronics plc WM8978GEFL/V Datasheet HTML 61Page - Wolfson Microelectronics plc WM8978GEFL/V Datasheet HTML 62Page - Wolfson Microelectronics plc WM8978GEFL/V Datasheet HTML 63Page - Wolfson Microelectronics plc WM8978GEFL/V Datasheet HTML 64Page - Wolfson Microelectronics plc WM8978GEFL/V Datasheet HTML 65Page - Wolfson Microelectronics plc WM8978GEFL/V Datasheet HTML 66Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 78 page
background image
WM8978
Product Preview
w
PP Rev 1.7 January 2005
62
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
2:0
GPIO1SEL
000
CSB/GPIO1 pin function select:
000= input (CSB/jack detection:
depending on MODE setting)
001= reserved
010=Temp ok
011=Amute active
100=PLL clk o/p
101=PLL lock
110=logic 1
111=logic 0
3
GPIO1POL
0
GPIO1 Polarity invert
0=Non inverted
1=Inverted
R8
GPIO
Control
5:4
OPCLKDIV
00
PLL Output clock division ratio
00=divide by 1
01=divide by 2
10=divide by 3
11=divide by 4
Table 52 CSB/GPIO Control
Note: If MODE is set to 3 wire mode, CSB/GPIO1 shall be used as CSB input irrespective of the
GPIO1SEL[2:] bits.
For further details of the Jack detect operation see the OUTPUT SWITCHING section.
OUTPUT SWITCHING (JACK DETECT)
When the device is configured with a 2-wire interface the CSB/GPIO1 pin can be used as a switch
control input to automatically disable one set of outputs and enable another. The L2/GPIO2 and
R2/GPIO3 pins can also be used for this purpose. For example, when a headphone is plugged into
a jack socket then it may be desirable to disable the speaker (e.g. when one of the GPIO pins is
connected to a mechanical switch in the headphone socket to detect plug-in).
The GPIO pins have an internal de-bounce circuit when in this mode in order to prevent the output
enables from toggling multiple times due to input glitches. This de-bounce circuit is clocked from a
slow clock with period 2
21 x MCLK.
Note that the GPIOPOL bits are not relevant for jack detection, it is the signal detected at the pin
which is used.
The switching on/off of the outputs is fully configurable by the user. Each output, OUT1, OUT2,
OUT3 and OUT4 has 2 associated enables. OUT1_EN_0, OUT2_EN_0, OUT3_EN_0 and
OUT4_EN_0 are the output enable signal which are used if the selected jack detection pin is at logic
0 (after de-bounce). OUT1_EN_1, OUT2_EN_1, OUT3_EN_1 and OUT4_EN_1 are the output
enable signals which are used if the selected jack detection pin is at logic 1 (after de-bounce).
Similar to the output enables, VMID can be driven out of OUT3. This VMID output can be configured
to be on/off depending on the jack detection input polarity of the VMID_EN_0 and VMID_EN_1 bits.
The jack detection enables work as follows:
All OUT_EN signals have an AND function performed with their normal enable signals (in Table 40).
When an output is normally enabled at per Table 40, the selected jack detection enable (controlled
by selected jack detection pin polarity) is set 0, it will turn the output off. If the normal enable signal is
already OFF (0), the jack detection signal will have no effect due on the AND function.
During jack detection if the user desires an output to be un-changed whether the jack is in or not,
both the JD_EN settings i.e. JD_EN0 and JD_EN1, should be set to 0000.
The VMID_EN signal has an OR function performed with the normal VMID driver enable. If the
VMID_EN signal is to have no effect to normal functionality when jack detection is enabled, it should
set to 0 for all JD_EN0 or JD_EN1 settings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com