Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9709CDS/R Datasheet(PDF) 12 Page - Wolfson Microelectronics plc

Part # WM9709CDS/R
Description  AC LINK INTERFACE AUDIO DAC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9709CDS/R Datasheet(HTML) 12 Page - Wolfson Microelectronics plc

Back Button WM9709CDS/R Datasheet HTML 8Page - Wolfson Microelectronics plc WM9709CDS/R Datasheet HTML 9Page - Wolfson Microelectronics plc WM9709CDS/R Datasheet HTML 10Page - Wolfson Microelectronics plc WM9709CDS/R Datasheet HTML 11Page - Wolfson Microelectronics plc WM9709CDS/R Datasheet HTML 12Page - Wolfson Microelectronics plc WM9709CDS/R Datasheet HTML 13Page - Wolfson Microelectronics plc WM9709CDS/R Datasheet HTML 14Page - Wolfson Microelectronics plc WM9709CDS/R Datasheet HTML 15Page - Wolfson Microelectronics plc WM9709CDS/R Datasheet HTML 16Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
WM9709
Production Data
w
PD Rev 1.3 February 2003
12
SYNC
BITCLK
SDATAIN
WM9709 SAMPLES SYNC ASSERTION
AC-LINK CONTROLLER SAMPLES
FIRST SDATAIN BIT OF FRAME
END OF PREVIOUS AUDIO FRAME
DAC
READY
SLOT(1)
SLOT(2)
Figure 10 Start of an Audio Input Frame
SDATAIN’s composite stream is MSB justified (MSB first) with all non-valid bit positions (for
assigned and/or unassigned time slots) stuffed with 0’s by the WM9709. SDATAIN is sampled on
the falling edges of BITCLK.
SLOT 1: STATUS ADDRESS PORT
Audio input frame slot 1 echoes the control register index from the read request, for historical
reference, for the data to be returned in slot 2. (Assuming that slots 1 and 2 had been tagged “valid”
by WM9709 during slot 0).
STATUS ADDRESS PORT BIT ASSIGNMENTS:
Bit(19)
RESERVED (stuffed with 0s)
Bit(18:12)
Control register index (echo of register index for which data is
being returned)
Bit(11:0)
RESERVED (stuffed with 0s)
The first bit (MSB) generated by WM9709 is always stuffed with a 0. The following 7 bit positions
communicate the associated control register address, and the trailing 12-bit positions are stuffed
with 0s by WM9709
SLOT 2: STATUS DATA PORT
The status data port delivers 16-bit control register read data.
Bit(19:4)
Control register read data (stuffed with 0s if tagged “invalid” by
WM9709)
Bit(3:0)
RESERVED (stuffed with 0s)
If slot 2 is tagged “invalid” by WM9709, then the entire slot will be stuffed with 0s.
The WM9709 will use this port only to return the data value of the vendor ID.
SLOTS 3-12: UNUSED
The remaining slots in the audio input frame are not used by the WM9709. All bits in these slots will
be stuffed with 0s.
AC-LINK LOW POWER MODE
Not supported by WM9709



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com