Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9709CDS/R Datasheet(PDF) 14 Page - Wolfson Microelectronics plc

Part # WM9709CDS/R
Description  AC LINK INTERFACE AUDIO DAC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9709CDS/R Datasheet(HTML) 14 Page - Wolfson Microelectronics plc

Back Button WM9709CDS/R Datasheet HTML 10Page - Wolfson Microelectronics plc WM9709CDS/R Datasheet HTML 11Page - Wolfson Microelectronics plc WM9709CDS/R Datasheet HTML 12Page - Wolfson Microelectronics plc WM9709CDS/R Datasheet HTML 13Page - Wolfson Microelectronics plc WM9709CDS/R Datasheet HTML 14Page - Wolfson Microelectronics plc WM9709CDS/R Datasheet HTML 15Page - Wolfson Microelectronics plc WM9709CDS/R Datasheet HTML 16Page - Wolfson Microelectronics plc WM9709CDS/R Datasheet HTML 17Page - Wolfson Microelectronics plc WM9709CDS/R Datasheet HTML 18Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
WM9709
Production Data
w
PD Rev 1.3 February 2003
14
RECOMMENDED EXTERNAL COMPONENTS
3
DVDD
DGND
19
20
AGND
AVDD
DVDD
AVDD
DGND
AGND
CAP
XTLOUT
5
XTLIN
4
13
SDATAOUT
6
BITCLK
7
SDATAIN
9
SYNC
10
RESETB
1
AC-LINK
DGND
C4
C9
XT
C10
C1
Notes:
1. C1 to C5 should be as close to
WM9709 as possible.
2. AGND and DGND should
be connected as close to
WM9709 as possible.
14
STEREO
OUTPUT
16
LINEOUTL
17
LINEOUTR
C7
C8
+
+
NC
NC
NC
15
12
8
11
AGND
C2
C3
18
NC
AGND
C6
+
C5
2
ID
Figure 11 External Components Diagram
RECOMMENDED EXTERNAL COMPONENT VALUES
COMPONENT
REFERENCE
SUGGESTED
VALUE
DESCRIPTION
C1 to C4
0.1
µF + 1uF
De-coupling for DVDD and AVDD
C5
0.1
µF
C6
10
µF
Reference de-coupling capacitors for DAC
C7 to C8
10
µF
Output AC coupling caps to remove VREF DC level from outputs.
C9 and C10
22pF
Optional capacitors for better crystal frequency stability.
XT
24.576 MHz
WM9709 master clock frequency. A bias resistor is not required, but if connected will not
affect operation if value is large (above 1M
Ω).
Table 2 External Component Recommendations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com