Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9709CDS/R Datasheet(PDF) 2 Page - Wolfson Microelectronics plc

Part # WM9709CDS/R
Description  AC LINK INTERFACE AUDIO DAC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9709CDS/R Datasheet(HTML) 2 Page - Wolfson Microelectronics plc

  WM9709CDS/R Datasheet HTML 1Page - Wolfson Microelectronics plc WM9709CDS/R Datasheet HTML 2Page - Wolfson Microelectronics plc WM9709CDS/R Datasheet HTML 3Page - Wolfson Microelectronics plc WM9709CDS/R Datasheet HTML 4Page - Wolfson Microelectronics plc WM9709CDS/R Datasheet HTML 5Page - Wolfson Microelectronics plc WM9709CDS/R Datasheet HTML 6Page - Wolfson Microelectronics plc WM9709CDS/R Datasheet HTML 7Page - Wolfson Microelectronics plc WM9709CDS/R Datasheet HTML 8Page - Wolfson Microelectronics plc WM9709CDS/R Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
WM9709
Production Data
w
PD Rev 1.3 February 2003
2
PIN CONFIGURATION
ORDERING INFORMATION
DEVICE
TEMP. RANGE
PACKAGE
WM9709CDS
0
o to 70oC
20-pin SSOP
WM9709CDS/R
0
o to 70oC
20-pin SSOP
Tape and Reel
330mm Reel
16mm wide tape
2000 units/reel
12
11
5
6
7
1
2
3
4
8
9
10
DVDD
ID
NC
LINEOUTR
LINEOUTL
CAP
NC
NC
AVDD
AGND
RESETB
XTLOUT
SDATAOUT
XTLIN
SYNC
AGND
SDATAIN
DGND
NC
BITCLK
13
14
15
16
17
18
19
20
PIN DESCRIPTION
PIN
NAME
TYPE
DESCRIPTION
1
RESETB
Digital input
NOT reset input (active low, resets digital circuitry)
2
ID
Digital input
AC link Data slot select.
Low = Normal stereo (slots 3,4),
High = Surround (slots 7,8),
High impedance (Z) = LFE and centre (slots 6,9)
3
DVDD
Supply
Digital positive supply
4
XTLIN
Digital input
Clock crystal connection or clock input (XTAL not used)
5
XTLOUT
Digital output
Clock crystal connection
6
SDATAOUT
Digital input
Serial data input
7
BITCLK
Digital output (master)
Or digital input (slave)
Serial interface clock output to AC-link controller if ID pin held
low (WM9709 is master).
Serial interface clock input from AC-link master if ID pin held
either high or high impedance (WM9709 is slave).
8
DGND
Supply
Digital ground supply
9
SDATAIN
Digital output
Serial data output to AC-link controller
10
SYNC
Digital input
Serial interface sync pulse from AC-link controller
11
AGND
Supply
Analogue ground supply, chip substrate
12
NC
No internal connection
13
NC
No internal connection
14
CAP
Analogue input
Reference input/output; internal divider generates midrail
15
NC
No internal connection
16
LINEOUTL
Analogue output
Main analogue output for left channel
17
LINEOUTR
Analogue output
Main analogue output for right channel
18
NC
No internal connection
19
AVDD
Supply
Analogue positive supply
20
AGND
Supply
Analogue ground supply, chip substrate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com