Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASF240 Datasheet(PDF) 4 Page - Advanced Semiconductor Business Inc.

Part # ASF240
Description  5 ~ 1000 MHz MMIC Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASF240 Datasheet(HTML) 4 Page - Advanced Semiconductor Business Inc.

  ASF240 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASF240 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASF240 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASF240 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASF240 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASF240 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASF240 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASF240 Datasheet HTML 8Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4/8
ASB Inc.
 sales@asb.co.kr  Tel: +82-42-528-7225
February 2017
ASF240
5 ~ 1000 MHz MMIC Amplifier
0
2
4
6
8
10
12
14
Output Power (dBm)
-70
-65
-60
-55
-50
-45
-40
20 MHz BW
10 MHz BW
Note that ACLR test conditions are as follows;
1) Test Source: LTE_FDD_test model 3.1, BW: 10 MHz & 20 MHz, Test Frequency: 140 MHz
2) Test Source: LTE_FDD_test model 3.1, BW: 20 MHz, Test Frequency: 140 MHz
Current vs. Temperature
Output IP3 vs. Tone Power (Frequency = 150 MHz)
P1dB vs. Temperature
Gain vs. Temperature
-60
-40
-20
0
20
40
60
80
100
20
22
24
26
28
30
Temperature (
o
C)
Frequency = 150 MHz
-60
-40
-20
0
20
40
60
80
100
14
16
18
20
22
24
Temperature (
o
C)
Frequency = 150 MHz
4
6
8
10
12
14
16
18
25
30
35
40
45
50
P
out
per Tone (dBm)
-40
oc
25
oc
85
oc
-60
-40
-20
0
20
40
60
80
100
90
100
110
120
130
140
Temperature (
o
C)
ACLR (LTE)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com