Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASF240 Datasheet(PDF) 1 Page - Advanced Semiconductor Business Inc.

Part # ASF240
Description  5 ~ 1000 MHz MMIC Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASF240 Datasheet(HTML) 1 Page - Advanced Semiconductor Business Inc.

  ASF240 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASF240 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASF240 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASF240 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASF240 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASF240 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASF240 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASF240 Datasheet HTML 8Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1/8
ASB Inc.
 sales@asb.co.kr  Tel: +82-42-528-7225
February 2017
ASF240
5 ~ 1000 MHz MMIC Amplifier
(Supply Voltage = +5 V, TA = +25 C, Z0 = 50 )
Parameters
Units
Typical
Frequency
MHz
70
150
300
450
Gain
dB
26.4
26.3
26.0
25.6
S11
dB
-14
-15
-15
-15
S22
dB
-10
-11
-10
-9
Output IP31)
dBm
40.5
41.0
38.0
34.5
Noise Figure
dB
3.0
3.0
3.1
3.1
Output P1dB
dBm
20.0
20.5
20.5
20.0
Current
mA
114
114
114
114
Device Voltage
V
+4.9
+4.9
+4.9
+4.9
1) OIP3 is measured with two tones at an output power of +6 dBm/tone separated by 1 MHz.
Parameters
Units
Min
Typ
Max
Testing Frequency
MHz
150
Gain
dB
25.0
26.3
S11
dB
-12
-15
S22
dB
-9
-11
Output IP3
dBm
38
41
Noise Figure
dB
3.0
3.3
Output P1dB
dBm
19.5
20.5
Current
mA
102
114
125
Device Voltage
V
+4.9
Parameters
Rating
Operating Case Temperature
-40 to
85 C
Storage Temperature
-40 to
150 C
Device Voltage
+5.5 V
Operating Junction Temperature
+150
C
Input RF Power (Continuous)1)
+22 dBm
1) Please find the max. input power data from http://www.asb.co.kr/pdf/Maximum_Input_Power_Analysis.pdf
Features
Description
Typical Performance
Absolute Maximum Ratings
26.3 dB Gain at 150 MHz
20.5 dBm P1dB at 150 MHz
41 dBm Output IP3 at 150 MHz
3.0 dB NF at 150 MHz
MTTF > 100 Years
Single Supply
The ASF240, a IF gain block amplifier MMIC, has a
high linearity, high gain, and high efficiency over a
wide range of frequency, being suitable for use in
both receiver and transmitter of telecommunication
systems up to 1 GHz. The amplifier is available in a
SOT89 package and passes through the stringent
DC, RF, and reliability tests.
Product Specifications
ASF240
Package Style: SOT89
Pin Configuration
Pin No.
Function
1
RF IN
2
GND
3
RF OUT & Bias
Application Circuit
 IF (50 ~ 500 MHz)
 IF (5 ~ 30 MHz)
 50 ~ 1000 MHz (75 )
 5 ~ 300 MHz (75 )


Similar Part No. - ASF240

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASF240 ASB-ASF240 Datasheet
372Kb / 6P
5-1000 MHz MMIC Amplifier
September 2011
More results

Similar Description - ASF240

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASL033 ASB-ASL033 Datasheet
901Kb / 17P
5-4000 MHz MMIC Amplifier
January 2012
AST11L ASB-AST11L Datasheet
488Kb / 7P
5-3500 MHz MMIC Amplifier
February 2010
ASW135 ASB-ASW135 Datasheet
341Kb / 5P
5-4000 MHz MMIC Amplifier
July 2011
ASW208 ASB-ASW208 Datasheet
697Kb / 11P
5-6000 MHz MMIC Amplifier
August 2012
ASF240 ASB-ASF240 Datasheet
372Kb / 6P
5-1000 MHz MMIC Amplifier
September 2011
ASF250 ASB-ASF250 Datasheet
338Kb / 5P
5-1000 MHz MMIC Amplifier
October 2012
ASF255 ASB-ASF255 Datasheet
433Kb / 6P
5-3000 MHz MMIC Amplifier
September 2012
ASW335 ASB-ASW335 Datasheet
905Kb / 16P
5 ~ 4000 MHz MMIC Amplifier
January 2014
AWB207 ASB-AWB207 Datasheet
687Kb / 9P
5 ~ 4000 MHz MMIC Amplifier
October 2013
ASF250 ASB-ASF250_17 Datasheet
502Kb / 8P
5 ~ 1000 MHz MMIC Amplifier
February 2017
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com