Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASF240 Datasheet(PDF) 6 Page - Advanced Semiconductor Business Inc.

Part # ASF240
Description  5 ~ 1000 MHz MMIC Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASF240 Datasheet(HTML) 6 Page - Advanced Semiconductor Business Inc.

  ASF240 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASF240 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASF240 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASF240 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASF240 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASF240 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASF240 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASF240 Datasheet HTML 8Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6/8
ASB Inc.
 sales@asb.co.kr  Tel: +82-42-528-7225
February 2017
ASF240
5 ~ 1000 MHz MMIC Amplifier
.
1) OIP3 and OIP2 are measured with two tones at an output power of +5
dBm/tone separated by 6 MHz.
2) OIP2 is measured at F1+F2 Frequency.
Board Layout (FR4, 40x40 mm2, 0.8T)
Schematic
APPLICATION CIRCUIT
S-parameters
CATV (75
)
50 ~ 1000 MHz
+5 V
Frequency (MHz)
50
500
860
Magnitude S21 (dB)
25.4
25.3
24.2
Magnitude S11 (dB)
-14
-14
-14
Magnitude S22 (dB)
-10
-11
-9
Output P1dB (dBm)
20.0
19.0
16.5
Output IP31) (dBm)
37.0
32.0
27.5
Output IP21),2) (dBm)
44
46
36
Noise Figure (dB)
2.8
2.9
3.1
Device Voltage (V)
+4.8
+4.8
+4.8
Current (mA)
107
107
107
0
100
200
300
400
500
600
700
800
900
1000
0
5
10
15
20
25
30
Frequency (MHz)
0
100
200
300
400
500
600
700
800
900
1000
-20
-15
-10
-5
0
Frequency (MHz)
0
100
200
300
400
500
600
700
800
900
1000
-20
-15
-10
-5
0
Frequency (MHz)
RF IN
RF OUT
ASF240
C2=1
F
C1=1
F
L1=390 nH
(Coil Inductor, Internal R=2
)
L2=56 nH
R1=200
Vs=5 V
C3=100 pF
C4=1
F
D1=5.6V
Zener Diode



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com