Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASX401 Datasheet(PDF) 21 Page - Advanced Semiconductor Business Inc.

Part # ASX401
Description  100 ~ 3000 MHz MMIC Amplifier
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASX401 Datasheet(HTML) 21 Page - Advanced Semiconductor Business Inc.

Back Button ASX401 Datasheet HTML 17Page - Advanced Semiconductor Business Inc. ASX401 Datasheet HTML 18Page - Advanced Semiconductor Business Inc. ASX401 Datasheet HTML 19Page - Advanced Semiconductor Business Inc. ASX401 Datasheet HTML 20Page - Advanced Semiconductor Business Inc. ASX401 Datasheet HTML 21Page - Advanced Semiconductor Business Inc. ASX401 Datasheet HTML 22Page - Advanced Semiconductor Business Inc. ASX401 Datasheet HTML 23Page - Advanced Semiconductor Business Inc. ASX401 Datasheet HTML 24Page - Advanced Semiconductor Business Inc. ASX401 Datasheet HTML 25Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
21/35
ASB Inc.
 sales@asb.co.kr  Tel: +82-42-528-7225
February 2017
ASX401
100 ~ 3000 MHz MMIC Amplifier
1) OIP3 is measured with two tones at an output power of +12
dBm/tone separated by 1 MHz.
Board Layout (FR4, 40x40 mm2, 0.8T)
Schematic
S-parameters & K-factor
APPLICATION CIRCUIT
Frequency (MHz)
1920 ~ 1980
Magnitude S21 (dB)
13.0
Magnitude S11 (dB)
-16
Magnitude S22 (dB)
-17
Output P1dB (dBm)
28.5
Output IP31) (dBm)
47
Noise Figure (dB)
4.2
Device Voltage (V)
+5
Current (mA)
290
WCDMA Rx
1920 ~ 1980 MHz
+5 V
500
1000
1500
2000
2500
3000
3500
0
1
2
3
4
5
Frequency (MHz)
1700
1800
1900
2000
2100
2200
0
5
10
15
20
Frequency (MHz)
-30
oc
25
oc
85
oc
1700
1800
1900
2000
2100
2200
-30
-25
-20
-15
-10
-5
0
Frequency (MHz)
-30
oc
25
oc
85
oc
1700
1800
1900
2000
2100
2200
-30
-25
-20
-15
-10
-5
Frequency (MHz)
-30
oc
25
oc
85
oc
C1=68 pF
C2=68 pF
Vcc=5 V
RF IN
RF OUT
C5=100pF
C6=1
F
ASX401
D1=5.6V
Zener Diode
C3=3.3 pF
0.5 mm
C4=1.8 pF
L1=39 nH
(Coil Inductor)
3.5 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com