Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASX401 Datasheet(PDF) 34 Page - Advanced Semiconductor Business Inc.

Part # ASX401
Description  100 ~ 3000 MHz MMIC Amplifier
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASX401 Datasheet(HTML) 34 Page - Advanced Semiconductor Business Inc.

Back Button ASX401 Datasheet HTML 27Page - Advanced Semiconductor Business Inc. ASX401 Datasheet HTML 28Page - Advanced Semiconductor Business Inc. ASX401 Datasheet HTML 29Page - Advanced Semiconductor Business Inc. ASX401 Datasheet HTML 30Page - Advanced Semiconductor Business Inc. ASX401 Datasheet HTML 31Page - Advanced Semiconductor Business Inc. ASX401 Datasheet HTML 32Page - Advanced Semiconductor Business Inc. ASX401 Datasheet HTML 33Page - Advanced Semiconductor Business Inc. ASX401 Datasheet HTML 34Page - Advanced Semiconductor Business Inc. ASX401 Datasheet HTML 35Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 34 / 35 page
background image
34/35
ASB Inc.
 sales@asb.co.kr  Tel: +82-42-528-7225
February 2017
ASX401
100 ~ 3000 MHz MMIC Amplifier
1) OIP3 is measured with two tones at an output power of +12 dBm/tone sepa-
rated by 1 MHz.
Board Layout (FR4, 40x40 mm2, 0.8T)
Schematic
S-parameters & K-factor
APPLICATION CIRCUIT
Frequency (MHz)
2050
2200
2350
Magnitude S21 (dB)
12.5
13.0
12.0
Magnitude S11 (dB)
-18
-20
-18
Magnitude S22 (dB)
-18
-18
-16
Output P1dB (dBm)
31.5
32.0
32.0
Output IP31) (dBm)
45.5
45.5
45.0
Noise Figure (dB)
4.9
4.4
5.1
Device Voltage (V)
+5
+5
+5
Current (mA)
560
560
560
Others
2050 ~ 2350 MHz
+5 V
1600
1800
2000
2200
2400
2600
2800
0
5
10
15
20
Frequency (MHz)
1600
1800
2000
2200
2400
2600
2800
-35
-30
-25
-20
-15
-10
-5
0
Frequency (MHz)
1600
1800
2000
2200
2400
2600
2800
-30
-25
-20
-15
-10
-5
0
Frequency (MHz)
0
500
1000
1500
2000
2500
3000
3500
0
1
2
3
4
5
Frequency (MHz)
C2=68 pF
Vcc=5 V
C5=100pF
C6=1
F
ASX401
D1=5.6V
Zener Diode
C3=2.7 pF
C4=1.5 pF
L1=27 nH
(Coil Inductor)
RF OUT
RF IN
*Coupler
R1=51
R2=51
Vcc=5 V
C11=100pF
ASX401
D2=5.6V
Zener Diode
L2=27 nH
(Coil Inductor)
C12=1
F
C1=68 pF
*Coupler
1.5 mm
C9=2.7 pF
1.5 mm
C7=68 pF
C8=68 pF
C10=1.5 pF
4 mm
4 mm
*Coupler: RN2, RCP2150A03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com