Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASX401 Datasheet(PDF) 3 Page - Advanced Semiconductor Business Inc.

Part # ASX401
Description  100 ~ 3000 MHz MMIC Amplifier
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASX401 Datasheet(HTML) 3 Page - Advanced Semiconductor Business Inc.

  ASX401 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASX401 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASX401 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASX401 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASX401 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASX401 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASX401 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASX401 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASX401 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
3/35
ASB Inc.
 sales@asb.co.kr  Tel: +82-42-528-7225
February 2017
ASX401
100 ~ 3000 MHz MMIC Amplifier
1) OIP3 is measured with two tones at an output power of +8 dBm/tone sepa-
rated by 1 MHz.
Board Layout (FR4, 40x40 mm2, 0.8T)
Schematic
S-parameters & K-factor
APPLICATION CIRCUIT
IF
128 ~ 152 MHz
+5 V
Frequency (MHz)
128
140
152
Magnitude S21 (dB)
19.0
20.0
19.5
Magnitude S11 (dB)
-7
-10
-7
Magnitude S22 (dB)
-10
-15
-12
Output P1dB (dBm)
30.0
30.5
30.5
Output IP31) (dBm)
40.5
43.5
42.5
Noise Figure (dB)
11.5
10.0
9.5
Device Voltage (V)
+5
+5
+5
Current (mA)
290
290
290
0
50
100
150
200
250
300
0
5
10
15
20
25
Frequency (MHz)
0
50
100
150
200
250
300
-15
-10
-5
0
Frequency (MHz)
0
50
100
150
200
250
300
-20
-15
-10
-5
0
Frequency (MHz)
0
500
1000
1500
2000
2500
3000
3500
0
1
2
3
4
5
Frequency (MHz)
C1=1 nF
C2=1 nF
Vs=5 V
RF IN
RF OUT
C5=100pF
C6=1
F
ASX401
D1=5.6V
Zener Diode
C3=15pF
C4=56 pF
L1=82 nH
(Coil Inductor)
L3=120nH
L4=22 nH
L2= 22nH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com