Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SK340LHT Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SK340LHT
Description  40V, 3A Surface Mount Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SK340LHT Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SK340LHT Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SK340LHT Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SK340LHT
40V, 3A
Surface Mount Schottky Barrier Rectifiers
28-Jul-2016 Rev. B
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
3LP
RoHS Compliant Product
A suffix of “-C” specifies halogen-free and RoHS Compliant
FEATURES
High current density
Low power losses
High efficiency
Low forward voltage drop
MARKING
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOD-123HT
3K
7 inch
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (T
A=25°C unless otherwise specified)
Parameter
Symbol
Rating
Unit
Maximum Repetitive Peak Reverse Voltage
VRRM
40
V
Maximum RMS Voltage
VRMS
28
V
Maximum Continuous Reverse Voltage
VR
40
V
Maximum Average Forward Rectified Current
IO
3
A
Non-Repetitive Peak Forward Surge Current@ 1 ms
square-wave
IFSM
80
A
Maximum Instantaneous Forward Voltage@ IF=3A
VF
0.45
V
TJ=25°C
0.5
Maximum Reverse Leakage Current
at Rated VR
TJ=100°C
IR
20
mA
Typical Thermal Resistance from Junction to Ambient
1
RθJA
75
°C / W
Typical Thermal Resistance from Junction to Case
1
RθJC
35
°C / W
Operating Junction and Storage Temperature
TJ, TSTG
125, -65~175
°C
Notes:
1.
The device is mounted on a FR-4 PCB with a recommended minimum copper pad.
SOD-123HT
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
3.3
3.7
H
0.6 TYP.
B
1.4
1.8
I
0.6
0.8
C
0.3 TYP.
J
0.75
0.85
D
0.6
1.0
K
1.0
1.2
E
0.1 TYP.
L
1.1
1.3
F
0.8 TYP.
M
1.9
2.1
G
1.0
1.2


Similar Part No. - SK340LHT

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SK340LFL SECOS-SK340LFL Datasheet
297Kb / 2P
40V, 3A Schottky Barrier Rectifiers
More results

Similar Description - SK340LHT

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
SK32A FRONTIER-SK32A Datasheet
125Kb / 2P
3A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK32-LFR FRONTIER-SK32-LFR Datasheet
125Kb / 2P
3A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK5820-LFR FRONTIER-SK5820-LFR Datasheet
119Kb / 2P
3A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS32 FRONTIER-SS32 Datasheet
124Kb / 2P
3A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SK340LFL SECOS-SK340LFL Datasheet
297Kb / 2P
40V, 3A Schottky Barrier Rectifiers
logo
Chip Integration Techno...
SK32A CITC-SK32A Datasheet
153Kb / 3P
3A Surface Mount Schottky Barrier Rectifiers
SK32C CITC-SK32C Datasheet
153Kb / 3P
3A Surface Mount Schottky Barrier Rectifiers
SKL32C CITC-SKL32C Datasheet
103Kb / 3P
3A Surface Mount Schottky Barrier Rectifiers
SKL34ASG CITC-SKL34ASG Datasheet
463Kb / 3P
3A Surface Mount Schottky Barrier Rectifiers
logo
Taiwan Semiconductor Co...
SS34LW TSC-SS34LW Datasheet
201Kb / 4P
3A, 40V - 200V Surface Mount Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com