Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMPD1060 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SMPD1060
Description  60V, 10A Surface Mount Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SMPD1060 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SMPD1060 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SMPD1060 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SMPD1060
60V, 10A
Surface Mount Schottky Barrier Rectifiers
01-Mar-2017 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen free
FEATURES
Schottky Barrier chip
High thermal reliability
Patented Super Barrier Rectifier Technology
High forward surge capability
Ultra low power loss and high efficiency
Excellent high temperature stability
Plastic material-UL flammability 94V-0
PACKAGE INFORMATION
Package
MPQ
Leader Size
TO-277D
5K
13 inch
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Rating 25°C ambient temperature unless otherwise specified. Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, de-rate current by 20%.)
Parameter
Symbol
Rating
Unit
Maximum Recurrent Peak Reverse Voltage
VRRM
60
V
Working Peak Reverse Voltage
VRSM
60
V
Maximum DC Blocking Voltage
VDC
60
V
Maximum Average Forward Rectified Current
IF
10
A
Peak Forward Surge Current, 8.3 ms single half sine-wave
Superimposed on rated load (JEDEC method)
IFSM
150
A
Voltage Rate of Chance (Rated VR)
dv/dt
10000
V / µs
Typical Thermal Resistance from Junction to Ambient
RθJA
80
°C / W
Typical Thermal Resistance from Junction to Lead
RθJL
5
°C / W
Operating and Storage Temperature Range
TJ,TSTG
150,-55~150
°C
ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Typ.
Max.
Unit
Test Condition
0.38
0.41
IF=3A, TJ=25°C
0.44
0.49
IF=5A, TJ=25°C
0.56
0.6
IF=10A, TJ=25°C
Maximum Instantaneous Forward Voltage
VF
0.54
-
V
IF=10A, TJ=125°C
-
0.3
TJ=25°C
Maximum DC Reverse Current
at Rated DC Blocking Voltage
2
IR
-
15
mA
TJ=100°C
Typical Junction Capacitance
1
CJ
320
-
pF
Notes:
1. Measured at 1MHz and applied reverse voltage of 5.0V D.C.
2. Pulse Test:Pulse Width = 300 µs, Duty Cycle ≦ 2.0%.
TO-277D
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
1.65
1.95
G
3.25
3.85
B
5.3
5.5
H
0.45
0.65
C
1.7
1.9
I
2.9
3.2
D
3.8
4.2
J
6.4
6.6
E
0.45
0.65
K
0.3
0.45
F
0.8
1.0
L
1.0
1.2


Similar Part No. - SMPD1060

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMPD1060L SECOS-SMPD1060L Datasheet
215Kb / 2P
60V, 10A Low VF Surface Mount Schottky Barrier Rectifiers
More results

Similar Description - SMPD1060

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
S10A30 MOSPEC-S10A30 Datasheet
227Kb / 3P
SCHOTTKY BARRIER RECTIFIERS(10A,30-60V)
S10C30 MOSPEC-S10C30 Datasheet
222Kb / 3P
SCHOTTKY BARRIER RECTIFIERS(10A,30-60V)
S10S30 MOSPEC-S10S30 Datasheet
219Kb / 3P
SCHOTTKY BARRIER RECTIFIERS(10A,30-60V)
logo
Shenzhen Luguang Electr...
LGMBR1040BCT LUGUANG-LGMBR1040BCT Datasheet
957Kb / 3P
10A Surface Mount High Power Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SMPD560 SECOS-SMPD560 Datasheet
267Kb / 2P
60V, 5A Surface Mount Schottky Barrier Rectifiers
SMPD1045 SECOS-SMPD1045 Datasheet
152Kb / 2P
45V, 10A Surface Mount Schottky Barrier Rectifiers
SMPD1060L SECOS-SMPD1060L Datasheet
215Kb / 2P
60V, 10A Low VF Surface Mount Schottky Barrier Rectifiers
SMPD10150 SECOS-SMPD10150 Datasheet
224Kb / 2P
150V, 10A Surface Mount Schottky Barrier Rectifiers
logo
Chip Integration Techno...
MBRB1040CT CITC-MBRB1040CT Datasheet
102Kb / 3P
10A Surface Mount High Power Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com