Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS874004 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS874004
Description  PCI EXPRESS JITTER ATTENUATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS874004 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS874004 Datasheet HTML 1Page - Integrated Circuit Systems ICS874004 Datasheet HTML 2Page - Integrated Circuit Systems ICS874004 Datasheet HTML 3Page - Integrated Circuit Systems ICS874004 Datasheet HTML 4Page - Integrated Circuit Systems ICS874004 Datasheet HTML 5Page - Integrated Circuit Systems ICS874004 Datasheet HTML 6Page - Integrated Circuit Systems ICS874004 Datasheet HTML 7Page - Integrated Circuit Systems ICS874004 Datasheet HTML 8Page - Integrated Circuit Systems ICS874004 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Integrated
Circuit
Systems, Inc.
874004AG
www.icst.com/products/hiperclocks.html
REV. A JANUARY 21, 2005
1
ICS874004
PCI EXPRESS
JITTER ATTENUATOR
PRELIMINARY
GENERAL DESCRIPTION
The ICS874004 is a high performance Differential-
to HCSL Jitter Attenuator designed for use in PCI
Express™ systems. In some PCI Express™
systems, such as those found in desktop PCs, the
PCI Express™ clocks are generated from a low
bandwidth, highphase noise PLL frequency synthesizer. In these
systems, a jitter attenuator may be required to attenuate high
frequency random and deterministic jitter components from the
PLL synthesizer and from the system board. The ICS874004
has 3 PLL bandwidth modes: 200KHz, 400KHz, and 800KHz.
200KHz mode will provide maximum jitter attenuation, but with
higher PLL tracking skew and spread spectrum modulation from
the motherboard synthesizer may be attenuated. 400KHz
provides an intermediate bandwidth that can easily track
triangular spread profiles, while providing good jitter attenuation.
800KHz bandwidth provides the best tracking skew and will pass
most spread profiles, but the jitter attenuation will not be as good
as the lower bandwidth modes. Because some 2.5 Gb serdes
have x20 multipliers while others have than x25 multipliers, the
874004 can be set for 1:1 mode or 5/4 multiplication mode (i.e.
100MHz input/125MHz output) using the F_SEL pin.
The ICS874004 uses ICS 3rd Generation FemtoClockTM
PLL technology to achieve the lowest possible phase noise.
The device is packaged in a 24 Lead TSSOP package, making
it ideal for use in space constrained applications such as PCI
Express™ add-in cards.
Features
• (4) Differential LVDS output pairs
• (1) Differential clock input
• CLK and nCLK supports the following input types:
LVPECL, LVDS, LVHSTL, SSTL, HCSL
• Output frequency range: 98MHz - 160MHz
• Input frequency range: 98MHz - 128MHz
• VCO range: 490MHz - 640MHz
• Cycle-to-cycle jitter: 50ps (maximum) design target
• 3.3V operating supply
• 3 bandwidth modes allow the system designer to make jitter
attenuation/tracking skew design trade-offs
• 0°C to 70°C ambient operating temperature
HiPerClockS™
ICS
QA0
nQA0
BLOCK DIAGRAM
BW_SEL
0 = PLL Bandwidth: ~200KHz
Float = PLL Bandwidth: ~400KHz (Default)
1 = PLL Bandwidth: ~800KHz
PLL BANDWIDTH
0 ÷5
(default)
1
÷4
÷5
VCO
490-640MHz
Phase
Detector
PD
OEA
F_SEL
BW_SEL
0 = ~200KHz
Float = ~400KHz
1 = ~800KHz
CLK
nCLK
FB_IN
nFB_IN
MR
OEB
PU
QA1
nQA1
QB0
nQB0
QB1
nQB1
FB_OUT
nFB_OUT
PD
PD
PD
PU
PU
PU
Float
PIN ASSIGNMENT
ICS874004
24-Lead TSSOP
4.40mm x 7.8mm x 0.92mm
package body
G Package
Top View
nQA0
nQB0
QB0
VDDO
FB_OUT
nFB_OUT
MR
BW_SEL
VDDA
F_SEL
VDD
OEA
1
2
3
4
5
6
7
8
9
10
11
12
QA0
VDDO
QA1
nQA1
QB1
nQB1
nFB_IN
FB_IN
OEB
GND
nCLK
CLK
24
23
22
21
20
19
18
17
16
15
14
13
The Preliminary Information presented herein represents a product in prototyping or pre-production. The noted characteristics are based on initial
product characterization. Integrated Circuit Systems, Incorporated (ICS) reserves the right to change any circuitry or specifications without notice.


Similar Part No. - ICS874004

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS874001AGI-05LF IDT-ICS874001AGI-05LF Datasheet
850Kb / 18P
PCI Express??Jitter Attenuator
ICS874001I-05 IDT-ICS874001I-05 Datasheet
327Kb / 17P
PCI EXPRESS??JITTER ATTENUATOR
logo
Renesas Technology Corp
ICS874001I-05 RENESAS-ICS874001I-05 Datasheet
1Mb / 19P
PCI Express™ Jitter Attenuator
JANUARY 14, 2011
logo
Integrated Circuit Syst...
ICS874002 ICST-ICS874002 Datasheet
208Kb / 10P
PCI EXPRESS JITTER ATTENUATOR
REV. A JANUARY 19, 2005
ICS874002AG ICST-ICS874002AG Datasheet
208Kb / 10P
PCI EXPRESS JITTER ATTENUATOR
REV. A JANUARY 19, 2005
More results

Similar Description - ICS874004

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS874002 ICST-ICS874002 Datasheet
208Kb / 10P
PCI EXPRESS JITTER ATTENUATOR
REV. A JANUARY 19, 2005
ICS9DB306 ICST-ICS9DB306 Datasheet
323Kb / 16P
PCI Express, Jitter Attenuator
REV. A APRIL 7, 2005
ICS874003 ICST-ICS874003 Datasheet
504Kb / 12P
PCI EXPRESS JITTER ATTENUATOR
logo
Integrated Device Techn...
ICS874003-02 IDT-ICS874003-02 Datasheet
1Mb / 14P
PCI EXPRESS??JITTER ATTENUATOR
ICS874001I-05 IDT-ICS874001I-05 Datasheet
327Kb / 17P
PCI EXPRESS??JITTER ATTENUATOR
ICS874003-04 IDT-ICS874003-04 Datasheet
756Kb / 15P
PCI EXPRESS??Jitter Attenuator
ICS874003-05 IDT-ICS874003-05 Datasheet
807Kb / 18P
PCI EXPRESS??JITTER ATTENUATOR
ICS874001AGI-05LF IDT-ICS874001AGI-05LF Datasheet
850Kb / 18P
PCI Express??Jitter Attenuator
ICS874003-02 IDT-ICS874003-02_10 Datasheet
776Kb / 15P
PCI EXPRESS Jitter Attenuator
logo
Renesas Technology Corp
9DB206 RENESAS-9DB206 Datasheet
367Kb / 15P
PCI Express Jitter Attenuator
March 11, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com