Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS874001I-05 Datasheet (PDF) - Renesas Technology Corp

ICS874001I-05 Datasheet PDF - Renesas Technology Corp
Part # ICS874001I-05
Download  ICS874001I-05 Download
File Size   1052.34 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description PCI Express™ Jitter Attenuator

ICS874001I-05 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS874001I-05 Datasheet PDF - Renesas Technology Corp

Part # ICS874001I-05
Download  ICS874001I-05 Click to download

File Size   1052.34 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description PCI Express™ Jitter Attenuator

ICS874001I-05 Datasheet (HTML) - Renesas Technology Corp


ICS874001I-05 Product details

General Description
The ICS874001I-05 is a high performance Jitter Attenuator designed
for use in PCI Express™ systems. In some PCI Express systems,
such as those found in desktop PCs, the PCI Express clocks are
generated from a low bandwidth, high phase noise PLL frequency
synthesizer. In these systems, a jitter attenuator may be required to
attenuate high frequency random and deterministic jitter
components from the PLL synthesizer and from the system board.
The ICS874001I-05 has a bandwidth of 6MHz with <1dB peaking,
easily meeting PCI Express Gen2 PLL requirements.
The ICS874001I-05 uses IDT’s 3RD Generation FemtoClock®
PLL technology to achieve the lowest possible phase noise. The
device is packaged in a small 20-pin TSSOP package, making it
ideal for use in space constrained applications such as PCI Express
add-in cards.
Features
• One differential LVDS output pair
• One differential clock input
• CLK, nCLK supports the following input levels: LVPECL, LVDS,
LVHSTL, SSTL, HCSL
• Input frequency range: 98MHz to 128MHz
• Output frequency range: 98MHz to 640MHz
• VCO range: 490MHz - 640MHz
• Cycle-to-cycle jitter: 50ps (maximum)
• Full 3.3V operating supply
• PCI Express (2.5Gb/s) and Gen 2 (5 Gb/s) jitter compliant
• -40°C to 85°C ambient operating temperature
• Available in lead-free (RoHS 6) package




Similar Part No. - ICS874001I-05

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS874001I-05 IDT-ICS874001I-05 Datasheet
327Kb / 17P
PCI EXPRESS??JITTER ATTENUATOR
More results


Similar Description - ICS874001I-05

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS874002 ICST-ICS874002 Datasheet
208Kb / 10P
PCI EXPRESS JITTER ATTENUATOR
REV. A JANUARY 19, 2005
logo
Renesas Technology Corp
874001I-02 RENESAS-874001I-02 Datasheet
1Mb / 18P
PCI Express™ Jitter Attenuator
AUGUST 30, 2010
874002-02 RENESAS-874002-02 Datasheet
542Kb / 15P
PCI EXPRESS™/JITTER ATTENUATOR
NOVEMBER 12, 2008
874003DI-02 RENESAS-874003DI-02 Datasheet
634Kb / 17P
PCI Express™ Jitter Attenuator
7/17/15
874005-04 RENESAS-874005-04 Datasheet
369Kb / 15P
PCI Express™ Jitter Attenuator
January 26, 2016
874005 RENESAS-874005 Datasheet
445Kb / 16P
PCI Express™ Jitter Attenuator
7/20/15
ICS874003-04 RENESAS-ICS874003-04 Datasheet
411Kb / 17P
PCI EXPRESS™ Jitter Attenuator
JANUARY 28, 2014
ICS874003-05 RENESAS-ICS874003-05 Datasheet
868Kb / 19P
PCI Express™ Jitter Attenuator
MARCH 21, 2014
ICS874003-02 RENESAS-ICS874003-02 Datasheet
775Kb / 15P
PCI EXPRESS™ Jitter Attenuator
2010
ICS874003I-02 RENESAS-ICS874003I-02 Datasheet
351Kb / 16P
PCI EXPRESS™ JITTER ATTENUATOR
MAY 1, 2013
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com