Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

874003DI-02 Datasheet (PDF) - Renesas Technology Corp

874003DI-02 Datasheet PDF - Renesas Technology Corp
Part # 874003DI-02
Download  874003DI-02 Download
File Size   634.95 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description PCI Express™ Jitter Attenuator

874003DI-02 Datasheet (PDF)

Go To PDF Page Download Datasheet
874003DI-02 Datasheet PDF - Renesas Technology Corp

Part # 874003DI-02
Download  874003DI-02 Click to download

File Size   634.95 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description PCI Express™ Jitter Attenuator

874003DI-02 Datasheet (HTML) - Renesas Technology Corp


874003DI-02 Product details

GENERAL DESCRIPTION
The 874003DI-02 is a high performance Dif-ferential-to-LVDS
Jitter Attenuator designed for use in PCI Express™ systems. In
some PCI Express systems, such as those found in desktop PCs,
the PCI Express clocks are generated from a low bandwidth, high
phase noise PLL frequency synthesizer. In these systems, a jitter
attenuator may be required to attenuate high frequency random
and deterministic jitter components from the PLL synthesizer and
from the system board. The 874003DI-02 has a bandwidth of 3MHz.
The 3MHz provides an intermediate bandwidth that can easily track
triangular spread profi les, while providing good jitter attenuation.
The 874003DI-02 uses IDT’s 3rd Generation FemtoClockTM
PLL technology to achieve the lowest possible phase noise.
The device is packaged in a 20 Lead TSSOP package, making it
ideal for use in space constrained applications such as PCI Express
add-in cards.

• Three differential LVDS output pairs
• One differential clock input
• CLK and nCLK supports the following input types:
LVPECL, LVDS, LVHSTL, SSTL, HCSL
• Output frequency range: 98MHz - 320MHz
• Input frequency range: 98MHz - 128MHz
• VCO range: 490MHz - 640MHz
• Cycle-to-cycle jitter: 30ps (maximum)
• Supports PCI-Express Spread-Spectrum Clocking
• 3MHz PLL loop bandwidth
• 3.3V operating supply
• -40°C to 85°C ambient operating temperature
• Available in lead-free (RoHS 6) package




Similar Part No. - 874003DI-02

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
874003 RENESAS-874003 Datasheet
446Kb / 15P
PCI Express Jitter Attenuator
7/16/15
logo
Integrated Device Techn...
874003AG-02 IDT-874003AG-02 Datasheet
776Kb / 15P
PCI EXPRESS Jitter Attenuator
874003AG-02LF IDT-874003AG-02LF Datasheet
776Kb / 15P
PCI EXPRESS Jitter Attenuator
874003AG-02LFT IDT-874003AG-02LFT Datasheet
776Kb / 15P
PCI EXPRESS Jitter Attenuator
874003AG-02T IDT-874003AG-02T Datasheet
776Kb / 15P
PCI EXPRESS Jitter Attenuator
More results


Similar Description - 874003DI-02

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS874002 ICST-ICS874002 Datasheet
208Kb / 10P
PCI EXPRESS JITTER ATTENUATOR
REV. A JANUARY 19, 2005
logo
Renesas Technology Corp
874001I-02 RENESAS-874001I-02 Datasheet
1Mb / 18P
PCI Express™ Jitter Attenuator
AUGUST 30, 2010
874002-02 RENESAS-874002-02 Datasheet
542Kb / 15P
PCI EXPRESS™/JITTER ATTENUATOR
NOVEMBER 12, 2008
874005-04 RENESAS-874005-04 Datasheet
369Kb / 15P
PCI Express™ Jitter Attenuator
January 26, 2016
874005 RENESAS-874005 Datasheet
445Kb / 16P
PCI Express™ Jitter Attenuator
7/20/15
ICS874001I-05 RENESAS-ICS874001I-05 Datasheet
1Mb / 19P
PCI Express™ Jitter Attenuator
JANUARY 14, 2011
ICS874003-04 RENESAS-ICS874003-04 Datasheet
411Kb / 17P
PCI EXPRESS™ Jitter Attenuator
JANUARY 28, 2014
ICS874003-05 RENESAS-ICS874003-05 Datasheet
868Kb / 19P
PCI Express™ Jitter Attenuator
MARCH 21, 2014
ICS874003-02 RENESAS-ICS874003-02 Datasheet
775Kb / 15P
PCI EXPRESS™ Jitter Attenuator
2010
ICS874003I-02 RENESAS-ICS874003I-02 Datasheet
351Kb / 16P
PCI EXPRESS™ JITTER ATTENUATOR
MAY 1, 2013
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com