Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS874003I-02 Datasheet (PDF) - Renesas Technology Corp

ICS874003I-02 Datasheet PDF - Renesas Technology Corp
Part # ICS874003I-02
Download  ICS874003I-02 Download
File Size   351.07 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description PCI EXPRESS™ JITTER ATTENUATOR

ICS874003I-02 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS874003I-02 Datasheet PDF - Renesas Technology Corp

Part # ICS874003I-02
Download  ICS874003I-02 Click to download

File Size   351.07 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description PCI EXPRESS™ JITTER ATTENUATOR

ICS874003I-02 Datasheet (HTML) - Renesas Technology Corp


ICS874003I-02 Product details

FEATURES
• Three Differential LVDS output pairs
• One Differential clock input
• CLK and nCLK supports the following input types:
LVPECL, LVDS, LVHSTL, SSTL, HCSL
• Output frequency range: 98MHz - 320MHz
• Input frequency range: 98MHz - 128MHz
• VCO range: 490MHz - 640MHz
• Cycle-to-cycle jitter: 35ps (maximum)
• Supports PCI-Express Spread-Spectrum Clocking
• The 400kHz bandwidth mode allows the system designer to
make jitter attenuation/tracking skew design trade-offs
• 3.3V operating supply
• -40°C to 85°C ambient operating temperature
• Lead-free (RoHS 6) packaging




Similar Part No. - ICS874003I-02

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS874003 ICST-ICS874003 Datasheet
504Kb / 12P
PCI EXPRESS JITTER ATTENUATOR
logo
Integrated Device Techn...
ICS874003-02 IDT-ICS874003-02 Datasheet
1Mb / 14P
PCI EXPRESS??JITTER ATTENUATOR
ICS874003-02 IDT-ICS874003-02 Datasheet
776Kb / 15P
PCI EXPRESS Jitter Attenuator
logo
Renesas Technology Corp
ICS874003-02 RENESAS-ICS874003-02 Datasheet
775Kb / 15P
PCI EXPRESS™ Jitter Attenuator
2010
logo
Integrated Device Techn...
ICS874003-02 IDT-ICS874003-02_10 Datasheet
776Kb / 15P
PCI EXPRESS Jitter Attenuator
More results


Similar Description - ICS874003I-02

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS874002 ICST-ICS874002 Datasheet
208Kb / 10P
PCI EXPRESS JITTER ATTENUATOR
REV. A JANUARY 19, 2005
logo
Renesas Technology Corp
874001I-02 RENESAS-874001I-02 Datasheet
1Mb / 18P
PCI Express™ Jitter Attenuator
AUGUST 30, 2010
874002-02 RENESAS-874002-02 Datasheet
542Kb / 15P
PCI EXPRESS™/JITTER ATTENUATOR
NOVEMBER 12, 2008
874003DI-02 RENESAS-874003DI-02 Datasheet
634Kb / 17P
PCI Express™ Jitter Attenuator
7/17/15
874005-04 RENESAS-874005-04 Datasheet
369Kb / 15P
PCI Express™ Jitter Attenuator
January 26, 2016
874005 RENESAS-874005 Datasheet
445Kb / 16P
PCI Express™ Jitter Attenuator
7/20/15
ICS874001I-05 RENESAS-ICS874001I-05 Datasheet
1Mb / 19P
PCI Express™ Jitter Attenuator
JANUARY 14, 2011
ICS874003-04 RENESAS-ICS874003-04 Datasheet
411Kb / 17P
PCI EXPRESS™ Jitter Attenuator
JANUARY 28, 2014
ICS874003-05 RENESAS-ICS874003-05 Datasheet
868Kb / 19P
PCI Express™ Jitter Attenuator
MARCH 21, 2014
ICS874003-02 RENESAS-ICS874003-02 Datasheet
775Kb / 15P
PCI EXPRESS™ Jitter Attenuator
2010
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com