Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS874003-05 Datasheet (PDF) - Renesas Technology Corp

ICS874003-05 Datasheet PDF - Renesas Technology Corp
Part # ICS874003-05
Download  ICS874003-05 Download
File Size   868.73 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description PCI Express™ Jitter Attenuator

ICS874003-05 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS874003-05 Datasheet PDF - Renesas Technology Corp

Part # ICS874003-05
Download  ICS874003-05 Click to download

File Size   868.73 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description PCI Express™ Jitter Attenuator

ICS874003-05 Datasheet (HTML) - Renesas Technology Corp


ICS874003-05 Product details

General Description
The ICS874003-05 is a high performance Differential-to-LVDS Jitter
Attenuator designed for use in PCI Express systems. In some PCI
Express systems, such as those found in desktop PCs, the PCI
Express clocks are generated from a low bandwidth, high phase
noise PLL frequency synthesizer. In these systems, a jitter
attenuator may be required to attenuate high frequency random and
deterministic jitter components from the PLL synthesizer and from
the system board. The ICS874003-05 has a bandwidth of 6.2MHz
with <1dB peaking, easily meeting PCI Express Gen2 PLL
requirements.
The ICS874003-05 uses IDT’s 3rd Generation FemtoClock™ PLL
technology to achieve the lowest possible phase noise. The device is
packaged in a 20-Lead TSSOP package, making it ideal for use in
space constrained applications such as PCI Express add-in cards.
Features
• Three differential LVDS output pairs
• One differential clock input
• CLK/nCLK can accept the following differential input levels:
LVPECL, LVDS, LVHSTL, HCSL, SSTL
• Input frequency range: 98MHz to 128MHz
• Output frequency range: 98MHz to 320MHz
• VCO range: 490MHz - 640MHz
• Supports PCI-Express Spread-Spectrum Clocking
• High PLL bandwidth allows for better input tracking
• PCI Express (2.5 Gb/s) and Gen 2 (5 Gb/S) jitter compliant
• 0°C to 70°C ambient operating temperature
• Full 3.3V operating supply
• Available in lead-free (RoHS 6) packages




Similar Part No. - ICS874003-05

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS874003-05 IDT-ICS874003-05 Datasheet
807Kb / 18P
PCI EXPRESS??JITTER ATTENUATOR
More results


Similar Description - ICS874003-05

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS874002 ICST-ICS874002 Datasheet
208Kb / 10P
PCI EXPRESS JITTER ATTENUATOR
REV. A JANUARY 19, 2005
logo
Renesas Technology Corp
874001I-02 RENESAS-874001I-02 Datasheet
1Mb / 18P
PCI Express™ Jitter Attenuator
AUGUST 30, 2010
874002-02 RENESAS-874002-02 Datasheet
542Kb / 15P
PCI EXPRESS™/JITTER ATTENUATOR
NOVEMBER 12, 2008
874003DI-02 RENESAS-874003DI-02 Datasheet
634Kb / 17P
PCI Express™ Jitter Attenuator
7/17/15
874005-04 RENESAS-874005-04 Datasheet
369Kb / 15P
PCI Express™ Jitter Attenuator
January 26, 2016
874005 RENESAS-874005 Datasheet
445Kb / 16P
PCI Express™ Jitter Attenuator
7/20/15
ICS874001I-05 RENESAS-ICS874001I-05 Datasheet
1Mb / 19P
PCI Express™ Jitter Attenuator
JANUARY 14, 2011
ICS874003-04 RENESAS-ICS874003-04 Datasheet
411Kb / 17P
PCI EXPRESS™ Jitter Attenuator
JANUARY 28, 2014
ICS874003-02 RENESAS-ICS874003-02 Datasheet
775Kb / 15P
PCI EXPRESS™ Jitter Attenuator
2010
ICS874003I-02 RENESAS-ICS874003I-02 Datasheet
351Kb / 16P
PCI EXPRESS™ JITTER ATTENUATOR
MAY 1, 2013
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com