Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4858LD Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4858LD
Description  Mono 1.5 W / Stereo 300mW Power Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4858LD Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM4858LD Datasheet HTML 1Page - National Semiconductor (TI) LM4858LD Datasheet HTML 2Page - National Semiconductor (TI) LM4858LD Datasheet HTML 3Page - National Semiconductor (TI) LM4858LD Datasheet HTML 4Page - National Semiconductor (TI) LM4858LD Datasheet HTML 5Page - National Semiconductor (TI) LM4858LD Datasheet HTML 6Page - National Semiconductor (TI) LM4858LD Datasheet HTML 7Page - National Semiconductor (TI) LM4858LD Datasheet HTML 8Page - National Semiconductor (TI) LM4858LD Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Absolute Maximum Ratings (Note 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage
6.0V
Storage Temperature
−65˚C to +150˚C
ESD Susceptibility (Note 4)
3.5kV
ESD Machine model (Note 7)
250V
Junction Temperature (T
J)
150˚C
Solder Information (Note 1)
Small Outline Package
Vapor Phase (60 sec.)
215˚C
Infrared (15 sec.)
220˚C
Thermal Resistance
θ
JA (typ) — MUB10A
194˚C/W
θ
JC (typ) — MUB10A
52˚C/W
θ
JA (typ) — LDA14A (Note 10)
56˚C/W
θ
JC (typ) — LDA14A
4.3˚C/W
Operating Ratings (Note 2)
Temperature Range
−40˚C
≤ to 85˚C
Supply Voltage V
DD
2.4V
≤ V
DD
≤ 5.5V
Note 1: See AN-450 "Surface Mounting and their effects on Product Reli-
ability" for other methods of soldering surface mount devices.
Electrical Characteristics (Notes 2, 8)
The following specifications apply for V
DD= 5.0V, TA= 25˚C unless otherwise specified.
Symbol
Parameter
Conditions
LM4858
Units
(Limits)
Typical
(Note 5)
Limit
(Note 6)
V
DD
Supply Voltage
2.4
V (min)
5.5
V (max)
I
DD
Supply Current
BTL Mode; V
IN = 0V; IO = 0A
2.4
7.0
mA
SE Mode; V
IN = 0V; IO = 0A
2.4
7.0
mA
I
SD
Shutdown Current
SD Mode; V
SHUTDOWN =VDD
18
µA
V
OS
Output Offset Voltage
BTL Mode; A
V =2
BTL OUT+ to BTL OUT−
5.0
40
mV
P
O
Output Power
BTL Mode; R
L =3
Ω
THD+N = 1%; LM4858LD
1.9
W
BTL Mode; R
L =4
Ω
THD+N = 1%; LM4858LD
1.7
W
BTL Mode; R
L =4
Ω
THD+N = 1%; LM4858MM
1.5
W
BTL Mode; R
L =8
Ω
THD+N = 1%; LM4858MM, LD
1.1
W
SE Mode; R
L =8
Ω
THD+N = 1%; LM4858MM, LD
300
mW
SE Mode; R
L =32
Ω
THD+N = 1%; LM4858MM, LD
95
mW
V
IH
Input Voltage High
SHUTDOWN, HP-IN
2.0
V (min)
V
IL
Input Voltage Low
SHUTDOWN, HP-IN
0.8
V (max)
Crosstalk Channel Seperation
SE Mode, R
L =32
Ω; f = 1kHz
73
dB
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com