Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4858LD Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4858LD
Description  Mono 1.5 W / Stereo 300mW Power Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4858LD Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM4858LD Datasheet HTML 1Page - National Semiconductor (TI) LM4858LD Datasheet HTML 2Page - National Semiconductor (TI) LM4858LD Datasheet HTML 3Page - National Semiconductor (TI) LM4858LD Datasheet HTML 4Page - National Semiconductor (TI) LM4858LD Datasheet HTML 5Page - National Semiconductor (TI) LM4858LD Datasheet HTML 6Page - National Semiconductor (TI) LM4858LD Datasheet HTML 7Page - National Semiconductor (TI) LM4858LD Datasheet HTML 8Page - National Semiconductor (TI) LM4858LD Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
LM4858
Mono 1.5 W / Stereo 300mW Power Amplifier
General Description
The LM4858 is an audio power amplifier capable of deliver-
ing 1.5W (typ) of continuous average power into a mono 4
Ω
bridged-tied load (BTL) with 1% THD+N or 95mW per chan-
nel of continuous average power into stereo 32
Ω single-
ended (SE) loads with 1% THD+N, using a 5V power supply.
The LM4858 can automatically switch between mono BTL
and stereo SE modes utilizing a headphone sense pin. It is
ideal for any system that provides both a monaural speaker
output and a stereo line or headphone output
Boomer audio power amplifiers were designed specifically to
provide high quality output power with a minimal amount of
external components. Since the LM4858 does not require
bootstrap capacitors or snubber networks, it is optimally
suited for low-power portable systems.
The LM4858 features an externally controlled, micropower
consumption shutdown mode and thermal shutdown protec-
tion. The unity-gain stable LM4858’s gain is set by external
gain-setting resistors
Key Specifications
n
Output Power at 1% THD+N, 1kHz:
n
LM4858LD 3
Ω BTL
1.9W (typ)
n
LM4858LD 4
Ω BTL
1.7W (typ)
n
LM4858MM 4
Ω BTL
1.5W (typ)
n
LM4858MM,LD 8
Ω BTL
1.1W (typ)
n
LM4858MM,LD 8
Ω SE
300mW (typ)
n
LM4858MM,LD 32
Ω SE
95mW (typ)
n
THD+N at 1kHz, 95mW into 32
Ω SE
1% (typ)
n
Single Supply Operation
2.4 to 5.5V
n
Shutdown Current
18µA (typ)
Features
n
Mono 1.5W BTL or stereo 300mW output
n
Logic controlled headphone sense
n
“Click and pop” suppression circuitry
n
No bootstrap capacitors required
n
Thermal shutdown protection
n
Unity-gain stable
n
Available in space-saving MSOP and LLP packaging
Applications
n
Portable computers
n
Desktop computers
n
PDA’s
n
Handheld games
Connection Diagrams
20064729
Top View
10 Lead MSOP
Order Number LM4858MM
See NS Package Number MUB10A
20064728
Top View
14 Lead LLP
Order Number LM4858LD
See NS Package Number LDA14A
Boomer® is a registered trademark of National Semiconductor Corporation.
May 2003
© 2003 National Semiconductor Corporation
DS200647
www.national.com


Similar Part No. - LM4858LD

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM48580 NSC-LM48580 Datasheet
417Kb / 16P
High Efficiency Class H, High Voltage, Haptic Piezo Actuator / Ceramic Speaker Driver
logo
Texas Instruments
LM48580 TI-LM48580 Datasheet
1Mb / 19P
LM48580 Boomer??Audio Power Amplifier Series High Efficiency Class H, High Voltage, Haptic Piezo Actuator / Ceramic Speaker Driver
LM48580 TI1-LM48580 Datasheet
1Mb / 21P
High Efficiency Class H, High Voltage, Haptic Piezo Actuator
LM48580 TI1-LM48580 Datasheet
1Mb / 19P
Audio Power Amplifier
logo
National Semiconductor ...
LM48580TL NSC-LM48580TL Datasheet
417Kb / 16P
High Efficiency Class H, High Voltage, Haptic Piezo Actuator / Ceramic Speaker Driver
More results

Similar Description - LM4858LD

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4850 NSC-LM4850 Datasheet
1Mb / 20P
Mono 1.5 W / Stereo 300 mW Power Amplifier
logo
Texas Instruments
TPA0102 TI-TPA0102 Datasheet
743Kb / 38P
1.5-W STEREO AUDIO POWER AMPLIFIER
logo
Analog Devices
SSM2250 AD-SSM2250 Datasheet
287Kb / 10P
Mono 1.5 W/Stereo 250 mW Power Amplifier
REV.0
logo
National Semiconductor ...
LM4853 NSC-LM4853 Datasheet
869Kb / 17P
Mono 1.5 W / Stereo 300mW Power Amplifier
logo
MOSA ELECTRONICS
MS6853 MOSA-MS6853 Datasheet
747Kb / 12P
Mono 1.9W / Stereo 300mW Power Amplifier Low Voltage Operation, Pop Noise Free
logo
Analog Devices
SSM2250 AD-SSM2250_05 Datasheet
256Kb / 12P
Mono 1.5 W/Stereo 250 mW Power Amplifier
REV. A
logo
MOSA ELECTRONICS
MS6853 MOSA-MS6853_1 Datasheet
638Kb / 14P
Mono 1.9W / Stereo 300mW Power Amplifier Low Voltage Operation, Shutdown Function
logo
Analog Devices
SSM2250 AD-SSM2250_15 Datasheet
790Kb / 12P
Mono 1.5 W/Stereo 250 mW Power Amplifier
REV. A
logo
Texas Instruments
LM4853 TI1-LM4853 Datasheet
1Mb / 25P
Mono 1.5 W / Stereo 300mW Power Amplifier
TPA0102 TI1-TPA0102_16 Datasheet
1Mb / 45P
1.5-W STEREO AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com