Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4858LD Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4858LD
Description  Mono 1.5 W / Stereo 300mW Power Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4858LD Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM4858LD Datasheet HTML 1Page - National Semiconductor (TI) LM4858LD Datasheet HTML 2Page - National Semiconductor (TI) LM4858LD Datasheet HTML 3Page - National Semiconductor (TI) LM4858LD Datasheet HTML 4Page - National Semiconductor (TI) LM4858LD Datasheet HTML 5Page - National Semiconductor (TI) LM4858LD Datasheet HTML 6Page - National Semiconductor (TI) LM4858LD Datasheet HTML 7Page - National Semiconductor (TI) LM4858LD Datasheet HTML 8Page - National Semiconductor (TI) LM4858LD Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Electrical Characteristics (Notes 2, 8)
The following specifications apply for V
DD= 3.3V, TA= 25˚C unless otherwise specified.
Symbol
Parameter
Conditions
LM4858
Units
(Limits)
Typical
(Note 5)
Limit
(Note 6)
I
DD
Supply Current
BTL Mode; V
IN = 0V; IO = 0A
2.0
mA
SE Mode; V
IN = 0V; IO = 0A
2.0
mA
I
SD
Shutdown Current
SD Mode; V
SHUTDOWN =VDD
12
µA
V
OS
Output Offset Voltage
BTL Mode; A
V =2
BTL OUT+ to BTL OUT−
5.0
40
mV
P
O
Output Power
BTL Mode; R
L =8
Ω
THD+N = 1%
440
mW
SE Mode; R
L =32
Ω
THD+N = 1%
40
mW
V
IH
Input Voltage High
SHUTDOWN, HP-IN
2.0
V (min)
V
IL
Input Voltage Low
SHUTDOWN, HP-IN
0.8
V (max)
Electrical Characteristics (Notes 2, 8)
The following specifications apply for V
DD= 2.7V, TA= 25˚C unless otherwise specified.
Symbol
Parameter
Conditions
LM4858
Units
(Limits)
Typical
(Note 5)
Limit
(Note 6)
I
DD
Supply Current
BTL Mode; V
IN = 0V; IO = 0A
1.8
mA
SE Mode; V
IN = 0V; IO = 0A
1.8
mA
I
SD
Shutdown Current
SD Mode; V
SHUTDOWN =VDD
10
µA
V
OS
Output Offset Voltage
BTL Mode; A
V =2
BTL OUT+ to BTL OUT−
5.0
40
mV
P
O
Output Power
BTL Mode; R
L =8
Ω
THD+N = 1%
300
mW
SE Mode; R
L =32
Ω
THD+N = 1%
25
mW
V
IH
Shutdown Input Voltage High
SHUTDOWN, HP-IN
2.0
V (min)
V
IL
Shutdown Input Voltage Low
SHUTDOWN, HP-IN
0.8
V (max)
Note 2: Absolute Maximum Rating indicate limits beyond which damage to the device may occur.
Note 3: Operating Ratings indicate conditions for which the device is functional, but do not guarantee specific performance limits. For guaranteed specifications and
test conditions, see the Electrical Characteristics. The guaranteed specifications apply only for the test conditions listed. Some performance characteristics may
degrade when the device is not operated under the listed test conditions.
Note 4: Human body model, 100pF discharged through a 1.5k
Ω resistor.
Note 5: Typical specifications are specified at +25˚C and represent the most likely parametric norm.
Note 6: Datasheet min/max specification limits are guaranteed by design, test, or statistical analysis.
Note 7: Machine Model ESD test is covered by specification EIAJ IC-121-1981. A 200pF cap is charged to the specified voltage, then discharged directly into the
IC with no external series resistor (resistance of discharge path must be under 50
Ω).
Note 8: All voltages are measured with respect to the ground pin, unless otherwise specified.
Note 9: Limits are guaranteed to National’s AOQL ( Average Outgoing Quality Level ).
Note 10: The given
θJA is for an LM4858LD with the Exposed-DAP soldered to an exposed 1in2 area of 1oz printed circuit board copper.
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com