Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT5508 Datasheet(PDF) 49 Page - Richtek Technology Corporation

Part # RT5508
Description  Speaker Amplifier with Speaker Protection
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5508 Datasheet(HTML) 49 Page - Richtek Technology Corporation

Back Button RT5508 Datasheet HTML 45Page - Richtek Technology Corporation RT5508 Datasheet HTML 46Page - Richtek Technology Corporation RT5508 Datasheet HTML 47Page - Richtek Technology Corporation RT5508 Datasheet HTML 48Page - Richtek Technology Corporation RT5508 Datasheet HTML 49Page - Richtek Technology Corporation RT5508 Datasheet HTML 50Page - Richtek Technology Corporation RT5508 Datasheet HTML 51Page - Richtek Technology Corporation RT5508 Datasheet HTML 52Page - Richtek Technology Corporation RT5508 Datasheet HTML 53Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 57 page
background image
RT5508
Copyright © 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
DS5508-01
March
2017
www.richtek.com
49
ADDR
Byte
Bits
R/W
Name
Description
Default
0xA4
3
23:0
R/W
nDelay[23:0]
The delay added to the output voltage
of SPKFB for synchronization.
nDelay = reg[0xa4] / 2^21
The range is [-2, 3) with 21 fractional
bits.
0
0xA5
3
23:0
R/W
res[23:0]
The initial value of the parameter
which is propotional to the resistance.
Resistance = reg[0xa5] / 2^23
The range is [0, 2) with 23 fractional
bits.
24'h800000
0xA6
3
23:0
R/W
phi1[23:0]
The initial value of the radians for the
adaptive filter.
The radians π/2 is normalized to 1/2,
and the range is [-0.5, 0.5] with 23
fractional bits.
Phi1 = reg[a6] / 2^23 * pi
24'hC4266F
0xA7
3
23:0
R/W
phi2[23:0]
24'h345F58
0xA8
3
23:0
R/W
phi3[23:0]
24'hFE21CB
0xA9
3
23:0
R/W
phi4[23:0]
24'h000000
0xAA
3
23:0
R/W
phi5[23:0]
24'h000000
0xAB
3
23:0
R/W
Adptive_b0[23:0]
The initial value of the expansion
coefficient for the adaptive filter.
The range is [-2, 2) with 22 fractional
bits.
B0 = reg[ab] / 2^22
24'h10221
0xAC
3
23:0
R/W
Adptive_b1[23:0]
24'hF1EBC8
0xAD
3
23:0
R/W
Adptive_b2[23:0]
24'h33BD58
0xAE
3
23:0
R/W
Adptive_b3[23:0]
24'h309E9
0xAF
3
23:0
R/W
Adptive_b4[23:0]
24'h000000
0xB0
3
23:0
R/W
Adptive_b5[23:0]
24'h000000
0xB3
1
7:5
-
Reserved
-
4:3
R/W
selMinAtc
The minimum value of the ATC gain
0 : 1/16
1 : 1/8
2 : 1/4
3 : 1/2
2'b0
2
R/W
disMinAtc
Disable the minimum limitation of the
ATC gain
1'b0
1
R/W
D_VBG_PLDO_ON
1'b0
0
R/W
R_AD_DITH_EN
Current sense ADC dither enable
1'b0
0xB4
1
7
R/W
OTP_PLL_LOCK_IGNORE
Access MTP memory without PLL
lock
0
6:4
-
Reserved
-
3
R/W
TDM_EN
I
2S TDM enable bit
0
2
R/W
TDM_ADC_SEL
I
2S ADC TDM slot selection
0
1
R/W
TDM_DAC_SEL
I
2S DAC TDM slot selection
0
0
R/W
dcrEstInSilMod
Do DCR estimation when act signal is
not logic 0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com