Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT5508 Datasheet(PDF) 28 Page - Richtek Technology Corporation

Part # RT5508
Description  Speaker Amplifier with Speaker Protection
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5508 Datasheet(HTML) 28 Page - Richtek Technology Corporation

Back Button RT5508 Datasheet HTML 24Page - Richtek Technology Corporation RT5508 Datasheet HTML 25Page - Richtek Technology Corporation RT5508 Datasheet HTML 26Page - Richtek Technology Corporation RT5508 Datasheet HTML 27Page - Richtek Technology Corporation RT5508 Datasheet HTML 28Page - Richtek Technology Corporation RT5508 Datasheet HTML 29Page - Richtek Technology Corporation RT5508 Datasheet HTML 30Page - Richtek Technology Corporation RT5508 Datasheet HTML 31Page - Richtek Technology Corporation RT5508 Datasheet HTML 32Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 57 page
background image
RT5508
Copyright © 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
www.richtek.com
DS5508-01
March
2017
28
Register Definition
Address Mapping
Registers Description
ADDR
Byte
Bits
R/W
Name
Description
Default
0x00
1
7:0
R
CHIP_ID[7:0]
Chip Revision ID
0x01
1
7
R
BCK_CLOCK_STABLE
BCK rate stable
0
6
R
PLL_LOCK
PLL is locked to BCK or LRCK
0 : Unlocked
1 : Locked
0
5
R
BAT_UV
Battery voltage under threshold; analog
signal
0 : Normal
1 : Under threshold
0
4
R
AMP_OV
Class-D amplifier supply voltage (VDDP)
over threshold; analog signal
0 : Normal
1 : Over threshold
0
3
R
AMP_OC
Class-D amplifier output current over
threshold; analog signal
0 : Normal
1 : Over threshold
0
2
R
OT_FLAG
Class-D amplifier temperature over
threshold; analog signal
0 : Normal
1 : Over threshold
0
1
R
BST_OC
Boost converter current over threshold;
0 : Normal;
1 : Over threshold
0
0
R
OT_FLAG_PULSE
Reserved
0
0x02
7:2
-
Reserved
-
1
WC
flagResDmg
Resistance exceeds the predefined value
1'b0
0
WC
flagFreqDmg
Resonant frequency out of range
1'b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com