Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT5508 Datasheet(PDF) 21 Page - Richtek Technology Corporation

Part # RT5508
Description  Speaker Amplifier with Speaker Protection
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5508 Datasheet(HTML) 21 Page - Richtek Technology Corporation

Back Button RT5508 Datasheet HTML 17Page - Richtek Technology Corporation RT5508 Datasheet HTML 18Page - Richtek Technology Corporation RT5508 Datasheet HTML 19Page - Richtek Technology Corporation RT5508 Datasheet HTML 20Page - Richtek Technology Corporation RT5508 Datasheet HTML 21Page - Richtek Technology Corporation RT5508 Datasheet HTML 22Page - Richtek Technology Corporation RT5508 Datasheet HTML 23Page - Richtek Technology Corporation RT5508 Datasheet HTML 24Page - Richtek Technology Corporation RT5508 Datasheet HTML 25Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 57 page
background image
RT5508
Copyright © 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
DS5508-01
March
2017
www.richtek.com
21
The following sub-clauses explain the function of each
sub-block.
Look-Ahead Delay Buffer
Look-ahead delay can be programed from 0 up to 480
samples, which is up to 10ms at 48k sampling rate.
This delay should contain stereo gain synchronization
delay.
Gain Processing on the Data Path
The level control, limiting for protection, and the volume
control are implemented by multiplying the signal on
the data path, with the gain generated from the control
path.
Pilot
The pilot signal, with constant magnitude (30mV) is
added at the last stage of data path. The frequency of
pilot is fixed fp = 50Hz.
The pilot is disabled at PWDN/SUSPD/Off/Fault/Mute
mode.
A register control bit can be configured to set if the pilot
is also turned off in Silence mode. If yes, then the pilot
should be turn off after signal power below threshold for
SilenceResetTime. This bit also defines if the DC
resistance is monitored or not in Silence mode.
Except for Fault mode, the pilot always turned on or
turned off at zero cross level. In worst case the pilot
turn-off latency will be 11.6ms.
Signal Detector
The signal activity is detected when the input signal
level is above a user defined threshold. The detection
window can be specified to be 5ms/10ms/20ms.
Another long time constant: SilenceRestTime is used to
ensure the silence happen and set the ALC to its initial
gain.
Parameters :
sThresAct : silence or active threshold (0 to
90dBFS,
-6dB step)
SilenceResetTime : the time to reset ALC gain to initial
value (0 to 15 seconds)
Peak Detector
The peak detector monitors the peak of the signal
magnitude and the estimated excursion. The algorithm
is describe as following equation, with attack time can
be specified as 0ms/1ms/2ms/4ms and release time
can be specified by (1-RT) represented in 16-
bit 2’s
complement format.
xPeak(n) = (1-AT) xPeak(n-1)+AT
x(n)
xPeak(n) = (1-RT) xPeak(n-1)

for
x(n) >xPeak(n-1)
x(n)
xPeak(n-1)
Automatic Level Control (ALC)
The core of ALC gain control is depicted in Figure 15.
The gain is checked and adjusted every ALC_period,
which is specified by UpDoubleTime and DnHalfTime
registers. These two register bit fields has physical
meaning which mapped to approximately ±6dB per
second. They can be specified from 1/16 to 15.9375
seconds with resolution of 1/16s.
The internal logic implements ALC_period by a counter
expired every 16*UpDoubleTime or 16*DnHalfTime
when the gain is going up/dn respectively. Depend on
the clock base of I2S, the nominal of ±6dB per second
for double/half the gain is actually approximately by:
44.1k : 20*log10((4097/4096)^(48000/16)) = 6.36dB;
20*log10((4095/4096)^(48000/16)) = -6.36dB
48k : 20*log10((4097/4096)^(44100/16)) = 5.84dB;
20*log10((4095/4096)^(44100/16)) = -5.84dB
The Parameters for ALC Control :
sThresALC[7:0] : Threshold of signal, specified by 0 to1.
1 corresponds to the maximum allowable signal
specified by clipper module.
xThresALC[7:0] : Threshold of excursion, specified by
0~1.
1 corresponds to the maximum
allowable
excursion.
sThresALC and xThresALC are 8-bit unsigned number
representing the value 1/128~1, 0x80 is normalized to
1.
UpDoubleTime[7:0]
:
gain
double
time
=
UpDoubleTime /16 (seconds)
DnHalfTime[7:0] : gain half time = DnHalfTime /16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com