Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBT3904T Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # MMBT3904T
Description  NPN Silicon General Purpose Transistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MMBT3904T Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  MMBT3904T Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MMBT3904T Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH MMBT3904T Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH MMBT3904T Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH MMBT3904T Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH MMBT3904T Datasheet HTML 6Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MMBT3904T
NPN Silicon
General Purpose Transistors
Elektronische Bauelemente
12-Apr-2010 Rev. A
Page 1 of 6
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Simplifies Circuit Design.
We Declare that the material of product compliance with
RoHS requirements.
ORDERING INFORMATION
Device
Marking
Shipping
MMBT3904T
MA
3000/Tape&Reel
MAXIMUM RATINGS (at Ta = 25°C unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector - Emitter Voltage
VCEO
40
Vdc
Collector - Base Voltage
VCBO
60
Vdc
Emitter - Base Voltage
VEBO
6.0
Vdc
Collector Current - Continuous
IC
200
mAdc
Total Device Dissapation FR-4 Board
(1)
TA=25℃, Derate above 25℃
PD
200
mW
1.6
mW/℃
Thermal Resistance, Junction to Ambient
RθJA
600
℃
/ W
Total Device Dissapation FR-4 Board
(2)
TA=25℃, Derate above 25℃
PD
300
mW
2.4
mW/℃
Thermal Resistance, Junction to Ambient
RθJA
400
℃
/ W
Junction & Storage Temperature
TJ, TSTG
-55 ~ 150
℃
1.
FR-4 Minimum Pad.
2.
FR-4 1.0 X 1.0 Inch Pad.
3.
Pulse Test:Pulse Width
300
≦
µs, Duty Cycle
2.0
≦
%
.
DEVICE MARKING
MMBT3904T1G=AM
SOT-523
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
1.50
1.70
K
0.30
0.50
B
0.75
0.95
M
---
10
o
C
0.60
0.80
N
---
10
o
D
0.23
0.33
S
1.50
1.70
G
0.50BSC
J
0.10
0.20


Similar Part No. - MMBT3904T

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBT3904T DIODES-MMBT3904T Datasheet
178Kb / 3P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30270 Rev. 2 - 2
MMBT3904T DIODES-MMBT3904T Datasheet
434Kb / 4P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30270 Rev. 7 - 2
logo
Fairchild Semiconductor
MMBT3904T FAIRCHILD-MMBT3904T Datasheet
134Kb / 4P
NPN Epitaxial Silicon Transistor
logo
Weitron Technology
MMBT3904T WEITRON-MMBT3904T Datasheet
360Kb / 7P
General Purpose NPN SiliconTransistor
logo
Micro Commercial Compon...
MMBT3904T MCC-MMBT3904T Datasheet
115Kb / 3P
150mW NPN General Purpose Amplifier
More results

Similar Description - MMBT3904T

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
BC817-16LT1 LRC-BC817-16LT1 Datasheet
51Kb / 2P
General Purpose Transistors(NPN Silicon)
BC847BRLT1 LRC-BC847BRLT1 Datasheet
117Kb / 3P
General Purpose Transistors(NPN Silicon)
BCW65ALT1 LRC-BCW65ALT1 Datasheet
52Kb / 2P
General Purpose Transistors(NPN Silicon)
BCX70GLT1 LRC-BCX70GLT1 Datasheet
318Kb / 6P
General Purpose Transistors(NPN Silicon)
L2SC2412KQMT1G LRC-L2SC2412KQMT1G Datasheet
147Kb / 4P
General Purpose Transistors NPN Silicon
LBC846ALT1G LRC-LBC846ALT1G_11 Datasheet
573Kb / 13P
General Purpose Transistors NPN Silicon
logo
Shanghai Leiditech Elec...
LBC848BWT1G LEIDITECH-LBC848BWT1G Datasheet
1,012Kb / 9P
General Purpose Transistors NPN Silicon
LH8050PLTIG LEIDITECH-LH8050PLTIG Datasheet
482Kb / 4P
General Purpose Transistors NPN Silicon
LMBT2222AL LEIDITECH-LMBT2222AL Datasheet
906Kb / 6P
General Purpose Transistors NPN Silicon
logo
AiT Semiconductor Inc.
MBT6427 AITSEMI-MBT6427 Datasheet
945Kb / 8P
GENERAL PURPOSE TRANSISTORS NPN SILICON
REV1.0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com