Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC1663G Datasheet(PDF) 4 Page - NEC

Part # UPC1663G
Description  ULTRA-WIDEBAND DIFFERENTIAL VIDEO AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC1663G Datasheet(HTML) 4 Page - NEC

  UPC1663G Datasheet HTML 1Page - NEC UPC1663G Datasheet HTML 2Page - NEC UPC1663G Datasheet HTML 3Page - NEC UPC1663G Datasheet HTML 4Page - NEC UPC1663G Datasheet HTML 5Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
0
-45
-90
-135
-180
100 k
1 M
10 M
100 M
Gain 2
Gain 1
PHASE SHIFTvs. FREQUENCY
Frequency, f (Hz)
TYPICAL PERFORMANCE CURVES (TA = 25°C)
UPC1663G
TYPICAL APPLICATIONS
• Application for +5 V Single Supply
• Photo Signal Detector
Since the input impedance of the IC falls when the gain rises, stable operation can
be achieved by inserting a FET buffer when necessary as illustrated above.
+5V
2.2
µ
1000
1000
V+
+5V
3 k
3 k
2.2
µ
1000
2.2
µ
1000
50
Ω
50
Ω
50
Ω
50
Ω
1000
RA
RA
1663
V-
Vc
Vc
R3
Vc + 5 V
R1
R5
1 k
Ω
R6
1 k
Ω
Ve - 5 V
R2
75
Ω
R4
50
Ω
C2
C1
1000 pF
1000 pF
50
Ω
50
Ω
2.2
µ
2.2
µ
PIN PHOTO
DIODE
Q1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com