Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC1663G Datasheet(PDF) 5 Page - NEC

Part # UPC1663G
Description  ULTRA-WIDEBAND DIFFERENTIAL VIDEO AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC1663G Datasheet(HTML) 5 Page - NEC

  UPC1663G Datasheet HTML 1Page - NEC UPC1663G Datasheet HTML 2Page - NEC UPC1663G Datasheet HTML 3Page - NEC UPC1663G Datasheet HTML 4Page - NEC UPC1663G Datasheet HTML 5Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
UPC1663G
PART NUMBER
QUANTITY
UPC1663G-E1
2500/Reel
ORDERING INFORMATION
CONNECTION DIAGRAM (TOP VIEW)
UPC1663G
UPC1663G
PACKAGE OUTLINE G08
Notes:
1. Each lead centerline is located within 0.12 mm (0.005 inch)
of its true position at maximum material condition.
2. All dimensions are typical unless otherwise specified.
OUTLINE DIMENSIONS (Units in mm)
1
2
3
4
8
7
6
5
IN2
GA
VE
OUT2
IN1
GB
VC
OUT1
8
7
6
5.70 MAX
5
1
2
3
4
N
1.49
1.8 MAX
0.1
± 0.1
0.40
+0.10
-0.05
0.94 MAX
0.15
+0.10
-0.05
6.5
± 0.3
4.4
1.1
0.6
± 0.2
1.27
1663
xxx
Lot Code
EXCLUSIVE NORTH AMERICAN AGENT FOR
RF, MICROWAVE & OPTOELECTRONIC SEMICONDUCTORS
CALIFORNIA EASTERN LABORATORIES • Headquarters • 4590 Patrick Henry Drive • Santa Clara, CA 95054-1817 • (408) 988-3500 • Telex 34-6393 • FAX (408) 988-0279
24-Hour Fax-On-Demand: 800-390-3232 (U.S. and Canada only) • Internet: http://WWW.CEL.COM
10/99
DATA SUBJECT TO CHANGE WITHOUT NOTICE



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com