Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC1663G Datasheet(PDF) 1 Page - NEC

Part # UPC1663G
Description  ULTRA-WIDEBAND DIFFERENTIAL VIDEO AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC1663G Datasheet(HTML) 1 Page - NEC

  UPC1663G Datasheet HTML 1Page - NEC UPC1663G Datasheet HTML 2Page - NEC UPC1663G Datasheet HTML 3Page - NEC UPC1663G Datasheet HTML 4Page - NEC UPC1663G Datasheet HTML 5Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PART NUMBER
UPC1663G
PACKAGE OUTLINE
G08
SYMBOLS
PARAMETERS AND CONDITIONS
UNITS
MIN
TYP
MAX
ICC
Power Supply Current
mA
13
20
AVd
Differential Voltage Gain:
Gain1
200
320
500
Gain2
810
12
BW
Bandwidth (Gain is 3 dB down
Gain1
MHz
120
from the gain at 100 KHz)
Gain2
MHz
700
tR
Rise Time, VOUT = 1Vp-p:
Gain1
ns
2.9
Gain2
ns
2.7
tpd
Propagation Delay, VOUT = 1 Vp-p:
Gain1
ns
2
Gain2
ns
1.2
RIN
Input Impedance:
Gain1
k
Ω
4.0
Gain2
k
Ω
50
180
CIN
Input Capacitance
pF
2
IIO
Input Offset Current
µA
0.4
5.0
IB
Input Bias Current
µA20
40
VN
Input Noise Voltage, 10 k to 10 MHz
µVr.m.s.
3
VI
Input Voltage Range
V
±1.0
CMRR
Common Mode Rejection Ratio, Vcm =
±1 V, f ≤100 kHz
dB
55
70
Vcm =
±1 V, f = 5 MHz
dB
53
60
SVRR
Supply Voltage Rejection Ratio,
∆V = ±0.5 V
dB
50
70
VO(off)
Output Offset Voltage, VO(off) = |OUT1 - OUT2|
Gain1
V
0.3
1.5
Gain2
V
0.1
1.0
VO (CM)
Output Common Mode Voltage
V
2.4
2.9
3.4
VOp-p
Max. Output Voltage Swing, single-ended
Vp-p
3.0
4.0
Isink
Output Sink Current
mA
2.5
3.6
Notes:
1. Gain select pins GA and GB are connected together.
2. All gain select pins are open.
3. Insert adjustment resistor (0 to 10 k
Ω) between GA and GB when variable gain is necessary.
FEATURES
ULTRA-WIDEBAND
DIFFERENTIAL VIDEO AMPLIFIER
The UPC1663G is a video amplifier with differential input and
output stages. A high frequency process (fT = 6 GHz) improves
AC performance compared with industry-standard video am-
plifiers. This device is excellent as a sense amplifier for high-
density CCDs, as a video or pulse amplifier in high-resolution
displays, and in communications equipment.
DESCRIPTION
• BANDWIDTH AND TYPICAL GAIN
120 MHz at AVOL = 300
170 MHz at AVOL = 100
700 MHz at AVOL = 10
• VERY SMALL PHASE DELAY
• GAIN ADJUSTABLE FROM 10 TO 300
• NO FREQUENCY COMPENSATION REQUIRED
ELECTRICAL CHARACTERISTICS (TA = 25°C, VCC = ±6 V, RS = 50 Ω, f = 10 MHz)
SINGLE ENDED VOLTAGE GAIN
vs. FREQUENCY
0
10
20
30
40
50
60
100 k
1 M
10 M
100 M
Gain 1
Gain 2
Frequency, f (Hz)
UPC1663G
California Eastern Laboratories


Similar Part No. - UPC1663G

ManufacturerPart #DatasheetDescription
logo
NEC
UPC1663G-E1 NEC-UPC1663G-E1 Datasheet
93Kb / 16P
DC to VHF WIDEBAND DIFFERENTIAL INPUT AND OUTPUT AMPLIFIER IC
logo
Renesas Technology Corp
UPC1663G-E1 RENESAS-UPC1663G-E1 Datasheet
462Kb / 18P
BIPOLAR ANALOG INTEGRATED CIRCUIT
1999
logo
California Eastern Labs
UPC1663GV CEL-UPC1663GV Datasheet
188Kb / 6P
ULTRA-WIDEBAND DIFFERENTIAL VIDEO AMPLIFIER
logo
NEC
UPC1663GV-E1 NEC-UPC1663GV-E1 Datasheet
93Kb / 16P
DC to VHF WIDEBAND DIFFERENTIAL INPUT AND OUTPUT AMPLIFIER IC
logo
Renesas Technology Corp
UPC1663GV-E1 RENESAS-UPC1663GV-E1 Datasheet
462Kb / 18P
BIPOLAR ANALOG INTEGRATED CIRCUIT
1999
More results

Similar Description - UPC1663G

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MA733 PHILIPS-MA733 Datasheet
135Kb / 9P
Differential video amplifier
April 15, 1992
logo
National Semiconductor ...
LM592 NSC-LM592 Datasheet
174Kb / 5P
DIFFERENTIAL VIDEO AMPLIFIER
logo
California Eastern Labs
UPC1663GV CEL-UPC1663GV Datasheet
188Kb / 6P
ULTRA-WIDEBAND DIFFERENTIAL VIDEO AMPLIFIER
logo
Texas Instruments
TL592B TI-TL592B Datasheet
339Kb / 11P
DIFFERENTIAL VIDEO AMPLIFIER
logo
Analog Devices
AD8146 AD-AD8146 Datasheet
584Kb / 24P
Triple Differential Driver for Wideband Video
REV. 0
logo
List of Unclassifed Man...
UA733 ETC2-UA733 Datasheet
157Kb / 5P
DIFFERENTIAL VIDEO AMPLIFIER
logo
Analog Devices
AD8146 AD-AD8146_15 Datasheet
543Kb / 24P
Triple Differential Driver for Wideband Video
REV. B
AD8147 AD-AD8147_15 Datasheet
543Kb / 24P
Triple Differential Driver for Wideband Video
REV. B
logo
Texas Instruments
OPA693 TI1-OPA693 Datasheet
981Kb / 32P
Ultra-Wideband, Fixed Gain Video BUFFER AMPLIFIER
TL592 TI1-TL592 Datasheet
95Kb / 5P
DIFFERENTIAL VIDEO AMPLIFIER
REVISED NOVEMBER 1991
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com