Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2N7002SW Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # S2N7002SW
Description  0.38A, 60V, RDS(O) 2.8 ohm N-Channel Enhancement Mode Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

S2N7002SW Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  S2N7002SW Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH S2N7002SW Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH S2N7002SW Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH S2N7002SW Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Elektronische Bauelemente
S2 7002SW
0.38A, 60V, RDS(O ) 2.8 Ω
-Channel Enhancement Mode Power MOSFET
26-Jul-2016 Rev. A
Page 2 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (T
J=25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Condition
Off Characteristics
Drain-Source Breakdown Voltage
BVDSS
60
-
-
V
VGS=0, ID=250µA
Drain-Source Breakdown Voltage
Temperature Coefficient
BVDSS / TJ
-
71
-
mV / °C
Gate-Source Leakage Current
IGSS
-
-
±10
µA
VDS=0, VGS= ±20V
-
-
1
VDS=60V, VGS=0, TJ=25°C
-
-
500
VDS=60V, VGS=0, TJ=125°C
Drain-Source Leakage Current
IDSS
-
-
0.1
µA
VDS=50V, VGS=0, TJ=25°C
On Characteristics
2
Gate-Threshold Voltage
VGS(th)
1
-
2
V
VDS=VGS, ID=250µA
Negative Threshold Voltage
Temperature Coefficient
VGS(th) / TJ
-
4
-
mV / °C
Forward Transconductance
gfs
0.08
-
-
S
VDS=5V, ID=0.2A
-
-
2.8
VGS=10V, ID=500mA
Static Drain-Source
On-Resistance
3
RDS(ON)
-
-
3.2
VGS=4.5V, ID=200mA
Dynamic Characteristics
Input Capacitance
Ciss
-
21
-
Output Capacitance
Coss
-
12
-
Reverse Transfer Capacitance
Crss
-
0.35
-
pF
VDS=25V
VGS=0
f=1MHz
Total Gate Charge
Qg(TOT)
-
0.44
-
Gate-Source Charge
Qgs
-
0.2
-
Gate-Drain Charge
Qgd
-
0.1
-
nC
VDS=10V
VGS=4.5V
ID=0.5A
Switching Characteristics
Turn-on Delay Time
Td(on)
-
2.7
-
Rise Time
Tr
-
2.5
-
Turn-off Delay Time
Td(off)
-
13
-
Fall Time
Tf
-
8
-
nS
VDD=30V
VGEN=10V
RG=25
RL=60
ID=0.5A
Drain-Source Diode Characteristics
Diode Forward Voltage
VSD
-
0.85
-
V
IS=0.5A, VGS=0
Notes:
1.
FR-4 board is 1 × 0.75 × 0.062 inch.
2.
Pulse Test: Pulse width≦300µs, duty cycle≦2%.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com