Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2N7002SW Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # S2N7002SW
Description  0.38A, 60V, RDS(O) 2.8 ohm N-Channel Enhancement Mode Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

S2N7002SW Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  S2N7002SW Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH S2N7002SW Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH S2N7002SW Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH S2N7002SW Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Elektronische Bauelemente
S2 7002SW
0.38A, 60V, RDS(O ) 2.8 Ω
-Channel Enhancement Mode Power MOSFET
26-Jul-2016 Rev. A
Page 1 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
DESCRIPTION
S2N7002SW provides designers with the best
combination of fast switching, ruggedized device design,
low on-resistance and cost-effectiveness. SOT-323 package
is universally preferred for all commercial-industrial surface
mount applications and suited for low voltage applications
such as DC/DC converters.
FEATURES
Halogen free products available
ESD protected
Low RDS(on)
APPLICATIONS
Low side load switch
Level shift circuits
DC-DC converter
Portable applications
MARKING
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOT-323
3K
7 inch
ABSOLUTE MAXIMUM RATINGS (T
A=25°C unless otherwise specified)
Parameter
Symbol
Rating
Unit
Drain-Source Voltage
VDS
60
V
Gate-Source Voltage
VGS
±20
V
Steady state, TA=25°C
0.32
Steady state, TA=85°C
0.23
t<5s, TA=25°C
0.38
Continuous Drain Current
t<5s, TA=85°C
ID
0.27
A
Pulsed Drain Current@ tp=10µs
IDM
1.5
A
Source Current (Body diode)
IS
0.3
A
Steady state
300
Total Device Power Dissipation
1
t<5s
PD
420
mW
Steady state
417
Thermal Resistance from
Junction to Ambient
1
t<5s
RθJA
300
°C / W
Gate-Source ESD Rating (HBM, method 3015)
ESD
2
kV
Lead Temperature for Soldering Purposes@ 1/8’’ from
case for 10s
TL
260
°C
Operating Junction and Storage Temperature
TJ, TSTG
-55~150
°C
SOT-323
701
Top View
A
L
C B
D
G
H
J
F
K
E
1
2
3
1
2
3
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
1.80
3.00
G
0.1 REF.
B
1.80
2.55
H
0.525 REF.
C
1.1
1.4
J
0.05
0.25
D
0.80
1.15
K
0.8 TYP.
E
1.20
2.00
L
0.65 TYP.
F
0.15
0.50


Similar Part No. - S2N7002SW

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
S2N7002 SECOS-S2N7002 Datasheet
88Kb / 2P
N-Ch Small Signal MOSFET
S2N7002DW SECOS-S2N7002DW Datasheet
252Kb / 3P
Dual N-Channel MOSFET
logo
VBsemi Electronics Co.,...
S2N7002DW VBSEMI-S2N7002DW Datasheet
945Kb / 6P
Dual N-Channel 60 V (D-S) MOSFET
logo
SeCoS Halbleitertechnol...
S2N7002DW SECOS-S2N7002DW_15 Datasheet
252Kb / 3P
Dual N-Channel MOSFET
logo
ON Semiconductor
S2N7002ET1G ONSEMI-S2N7002ET1G Datasheet
205Kb / 6P
Small Signal MOSFET Single N?묬hannel, 60 V, 310 mA, 2.5 Ohm
June, 2019 ??Rev. 7
More results

Similar Description - S2N7002SW

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
STT3962NE SECOS-STT3962NE Datasheet
104Kb / 2P
2.3A , 60V , RDS(ON) 0.153 N-Channel Enhancement Mode MOSFET
SDT3A5N06-C SECOS-SDT3A5N06-C Datasheet
338Kb / 4P
3.5A, 60V, RDS(on) 100 m(ohm) N-Channel Enhancement Mode Power MOSFET
SDT6N06-C SECOS-SDT6N06-C Datasheet
617Kb / 4P
6A, 60V, RDS(on) 44 m(ohm) N-Channel Enhancement Mode Power MOSFET
logo
Guangdong Youtai Semico...
20N06 UMW-20N06 Datasheet
1Mb / 6P
60V N-Channel Enhancement Mode Power MOSFET
30N06 UMW-30N06 Datasheet
1Mb / 7P
60V N-Channel Enhancement Mode Power MOSFET
40N06 UMW-40N06 Datasheet
1Mb / 6P
60V N-Channel Enhancement Mode Power MOSFET
50N06 UMW-50N06 Datasheet
1Mb / 6P
60V N-Channel Enhancement Mode Power MOSFET
IRLR2905TR UMW-IRLR2905TR Datasheet
1Mb / 6P
60V N-Channel Enhancement Mode Power MOSFET
STD30NF06L UMW-STD30NF06L Datasheet
1Mb / 6P
60V N-Channel Enhancement Mode Power MOSFET
STD35NF06 UMW-STD35NF06 Datasheet
1Mb / 6P
60V N-Channel Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com