Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2N7002SW Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

S2N7002SW Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # S2N7002SW
Download  S2N7002SW Download
File Size   752.16 Kbytes
Page   4 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description 0.38A, 60V, RDS(O) 2.8 ohm N-Channel Enhancement Mode Power MOSFET

S2N7002SW Datasheet (PDF)

Go To PDF Page Download Datasheet
S2N7002SW Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # S2N7002SW
Download  S2N7002SW Click to download

File Size   752.16 Kbytes
Page   4 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description 0.38A, 60V, RDS(O) 2.8 ohm N-Channel Enhancement Mode Power MOSFET

S2N7002SW Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH




Similar Part No. - S2N7002SW

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
S2N7002 SECOS-S2N7002 Datasheet
88Kb / 2P
N-Ch Small Signal MOSFET
S2N7002DW SECOS-S2N7002DW Datasheet
252Kb / 3P
Dual N-Channel MOSFET
logo
VBsemi Electronics Co.,...
S2N7002DW VBSEMI-S2N7002DW Datasheet
945Kb / 6P
Dual N-Channel 60 V (D-S) MOSFET
logo
SeCoS Halbleitertechnol...
S2N7002DW SECOS-S2N7002DW_15 Datasheet
252Kb / 3P
Dual N-Channel MOSFET
logo
ON Semiconductor
S2N7002ET1G ONSEMI-S2N7002ET1G Datasheet
205Kb / 6P
Small Signal MOSFET Single N?묬hannel, 60 V, 310 mA, 2.5 Ohm
June, 2019 ??Rev. 7
More results


Similar Description - S2N7002SW

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
STT3962NE SECOS-STT3962NE Datasheet
104Kb / 2P
2.3A , 60V , RDS(ON) 0.153 N-Channel Enhancement Mode MOSFET
SDT3A5N06-C SECOS-SDT3A5N06-C Datasheet
338Kb / 4P
3.5A, 60V, RDS(on) 100 m(ohm) N-Channel Enhancement Mode Power MOSFET
SDT6N06-C SECOS-SDT6N06-C Datasheet
617Kb / 4P
6A, 60V, RDS(on) 44 m(ohm) N-Channel Enhancement Mode Power MOSFET
logo
Guangdong Youtai Semico...
20N06 UMW-20N06 Datasheet
1Mb / 6P
60V N-Channel Enhancement Mode Power MOSFET
30N06 UMW-30N06 Datasheet
1Mb / 7P
60V N-Channel Enhancement Mode Power MOSFET
40N06 UMW-40N06 Datasheet
1Mb / 6P
60V N-Channel Enhancement Mode Power MOSFET
50N06 UMW-50N06 Datasheet
1Mb / 6P
60V N-Channel Enhancement Mode Power MOSFET
IRLR2905TR UMW-IRLR2905TR Datasheet
1Mb / 6P
60V N-Channel Enhancement Mode Power MOSFET
STD30NF06L UMW-STD30NF06L Datasheet
1Mb / 6P
60V N-Channel Enhancement Mode Power MOSFET
STD35NF06 UMW-STD35NF06 Datasheet
1Mb / 6P
60V N-Channel Enhancement Mode Power MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com