Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L321 Datasheet(PDF) 6 Page - IXYS Corporation

Part # L321
Description  Converter - Brake - Inverter Module (CBI2)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

L321 Datasheet(HTML) 6 Page - IXYS Corporation

  L321 Datasheet HTML 1Page - IXYS Corporation L321 Datasheet HTML 2Page - IXYS Corporation L321 Datasheet HTML 3Page - IXYS Corporation L321 Datasheet HTML 4Page - IXYS Corporation L321 Datasheet HTML 5Page - IXYS Corporation L321 Datasheet HTML 6Page - IXYS Corporation L321 Datasheet HTML 7Page - IXYS Corporation L321 Datasheet HTML 8Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
© 2001 IXYS All rights reserved
6 - 8
MUBW 10-12 A7
0
200
400
600
800
1000
0
10
20
30
40

"
&
 
$
01
234567
0
5
10
15
20
25
30
0
102030405060
0
5
10
15
20
012
34
567
0
5
10
15
20
25
30
T
VJ = 25°C
T
VJ = 125°C
V
CE = 600V
I
C
= 10A
V
CE
V
I
C
V
CE
A
I
C
V
Q
G
-di/dt
V
V
GE
I
RM
t
rr
A/
µs
MUBW1012A7
T
VJ = 125°C
V
R = 600V
I
F = 10A
I
RM
t
rr
9V
11V
V
GE = 17V
15V
13V
A
11V
V
GE = 17V
15V
13V
A
4
6
8
101214
16
0
5
10
15
20
25
30
V
CE = 20V
V
V
GE
A
I
C
T
VJ = 25°C
T
VJ = 125°C
01234
0
5
10
15
20
25
30
V
V
F
I
F
T
VJ = 25°C
T
VJ = 125°C
A
ns
9V
nC
Fig. 7 Typ. output characteristics
Fig. 8 Typ. output characteristics
Fig. 9 Typ. transfer characteristics
Fig. 10 Typ. forward characteristics of
free wheeling diode
Fig. 11 Typ. turn on gate charge
Fig. 12 Typ. turn off characteristics of
free wheeling diode
Output Inverter T1 - T6 / D1 - D6



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com