Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L321 Datasheet(PDF) 1 Page - IXYS Corporation

Part # L321
Description  Converter - Brake - Inverter Module (CBI2)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

L321 Datasheet(HTML) 1 Page - IXYS Corporation

  L321 Datasheet HTML 1Page - IXYS Corporation L321 Datasheet HTML 2Page - IXYS Corporation L321 Datasheet HTML 3Page - IXYS Corporation L321 Datasheet HTML 4Page - IXYS Corporation L321 Datasheet HTML 5Page - IXYS Corporation L321 Datasheet HTML 6Page - IXYS Corporation L321 Datasheet HTML 7Page - IXYS Corporation L321 Datasheet HTML 8Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© 2001 IXYS All rights reserved
1 - 8
Converter - Brake - Inverter Module (CBI2)
Input Rectifier Bridge D11 - D16
Symbol
Conditions
Maximum Ratings
V
RRM
1600
V
I
FAV
T
C = 80°C; sine 180°
19
A
I
DAVM
T
C = 80°C; rectangular; d = 1/3
18
A
I
FSM
T
VJ = 25°C; t = 10 ms; sine 50 Hz
160
A
P
tot
T
C = 25°C85
W
Symbol
Conditions
Characteristic Values
(T
VJ = 25°C, unless otherwise specified)
min.
typ.
max.
V
F
I
F = 10 A; TVJ =
25°C
1.3
1.6
V
T
VJ = 125°C
1.3
V
I
R
V
R = VRRM; TVJ =
25°C
0.1
mA
T
VJ = 125°C1
mA
t
rr
V
R = 100 V; IF = 10 A; di/dt = -10 A/µs
1
µs
R
thJC
(per diode)
1.47 K/W
Three Phase
Brake Chopper
Three Phase
Rectifier
Inverter
V
RRM
= 1600V
V
CES
= 1200 V
V
CES
= 1200 V
I
DAVM
= 26 A
I
C25
= 20 A
I
C25
= 20 A
I
FSM
= 160 A
V
CE(sat) =
2.3 V
V
CE(sat) =
2.3 V
MUBW 10-12 A7
IXYS reserves the right to change limits, test conditions and dimensions.
NTC
D11
D13
D15
D12
D14
D16
1
23
D7
T7
T1
D1
T3
D3
T2
T4
T6
T5
D4
D2
D6
D5
21
22
7
6
4
5
16
15
18
17
20
19
11
10
23
24
14
8
9
12
13
Application: AC motor drives with
q
Input from single or three phase grid
q
Three phase synchronous or
asynchronous motor
q
electric braking operation
Features
q
High level of integration - only one power
semiconductor module required for the
whole drive
q
Fast rectifier diodes for enhanced EMC
behaviour
q
NPT IGBT technology with low
saturation voltage, low switching
losses, high RBSOA and short circuit
ruggedness
q
Epitaxial free wheeling diodes with
Hiperfast and soft reverse recovery
q
Industry standard package with insulated
copper base plate and soldering pins for
PCB mounting
q
Temperature sense included


Similar Part No. - L321

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
L321 CRYDOM-L321 Datasheet
585Kb / 4P
Power Modules
L321F CRYDOM-L321F Datasheet
585Kb / 4P
Power Modules
More results

Similar Description - L321

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
MUBW10-12 IXYS-MUBW10-12 Datasheet
192Kb / 8P
Converter - Brake - Inverter Module (CBI2)
MUBW35-12A7 IXYS-MUBW35-12A7 Datasheet
170Kb / 8P
Converter - Brake - Inverter Module (CBI2)
MUBW30-12A6 IXYS-MUBW30-12A6 Datasheet
290Kb / 8P
Converter - Brake - Inverter Module
MUBW20-06A7 IXYS-MUBW20-06A7 Datasheet
189Kb / 8P
Converter - Brake - Inverter Module (CBI2)
MUBW50-06A7 IXYS-MUBW50-06A7 Datasheet
190Kb / 8P
Converter - Brake - Inverter Module(CBI2)
MUBW30-06A7 IXYS-MUBW30-06A7 Datasheet
191Kb / 8P
Converter - Brake - Inverter Module (CBI2)
logo
Powersem GmbH
PSIPM30-06 POWERSEM-PSIPM30-06 Datasheet
729Kb / 4P
Converter - Brake - Inverter Module
PSIPM50-06 POWERSEM-PSIPM50-06 Datasheet
735Kb / 4P
Converter - Brake - Inverter Module
PSIPM10006 POWERSEM-PSIPM10006 Datasheet
732Kb / 4P
Converter - Brake - Inverter Module
logo
IXYS Corporation
MUBW25-06A6 IXYS-MUBW25-06A6 Datasheet
213Kb / 8P
Converter - Brake - Inverter Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com