Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L321 Datasheet(PDF) 7 Page - IXYS Corporation

Part # L321
Description  Converter - Brake - Inverter Module (CBI2)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

L321 Datasheet(HTML) 7 Page - IXYS Corporation

  L321 Datasheet HTML 1Page - IXYS Corporation L321 Datasheet HTML 2Page - IXYS Corporation L321 Datasheet HTML 3Page - IXYS Corporation L321 Datasheet HTML 4Page - IXYS Corporation L321 Datasheet HTML 5Page - IXYS Corporation L321 Datasheet HTML 6Page - IXYS Corporation L321 Datasheet HTML 7Page - IXYS Corporation L321 Datasheet HTML 8Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
© 2001 IXYS All rights reserved
7 - 8
MUBW 10-12 A7
Fig. 13 Typ. turn on energy and switching
Fig. 14 Typ. turn off energy and switching
times versus collector current
times versus collector current
Fig. 15 Typ. turn on energy and switching
Fig.16 Typ. turn off energy and switching
times versus gate resistor
times versus gate resistor
Fig. 17 Reverse biased safe operating area
Fig. 18 Typ. transient thermal impedance
RBSOA
0
5
10
15
20
0
1
2
3
4
0
20
40
60
80
0
5
10
15
20
0
1
2
3
4
0
100
200
300
400
0.00001 0.0001 0.001
0.01
0.1
1
10
0.0001
0.001
0.01
0.1
1
10
0
20
406080
100
120
140
0.0
0.4
0.8
1.2
0
200
400
600
0
204060
80
100
120
140
0.0
0.5
1.0
1.5
2.0
0
25
50
75
100
single pulse
V
CE = 600V
V
GE = ±15V
R
G = 82Ω
T
VJ = 125°C
MUBW1012A7
V
CE = 600V
V
GE = ±15V
I
C
= 10A
T
VJ = 125°C
0
200
400
600
800
1000 1200 1400
0
5
10
15
20
25
R
G = 82 Ω
T
VJ = 125°C
V
CE = 600V
V
GE = ±15V
R
G = 82Ω
T
VJ = 125°C
E
on
V
CE = 600V
V
GE = ±15V
I
C
= 10A
T
VJ = 125°C
J
d(on)
J
r
E
off
J
d(off)
J
f
E
on
J
d(on)
J
r
E
off
J
d(off)
J
f
I
C
A
I
C
A
E
off
E
on
t
t
R
G
Ω
R
G
Ω
V
CE
t
s
mJ
E
on
mJ
E
off
ns
t
ns
t
I
CM
K/W
Z
thJC
IGBT
diode
V
A
mJ
ns
ns
mJ
Output Inverter T1 - T6 / D1 - D6



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com