Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI5L200 Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI5L200
Description  Precision Wide Bandwidth LanSwitch Quad 2:1 Mux/DeMux
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5L200 Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI5L200 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5L200 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5L200 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5L200 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5L200 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5L200 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI5L200 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI5L200 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI5L200 Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
PS7055G
10/01/04
Block Diagram
PinConfiguration
PinDescription
Features
• Single 3.3V/5V supply operation
• Rail-To-RailOperation
• Very Low Distortion: 2%
• Replaces mechanical relays
• High-performance, low-cost solution for switching
between different LAN signals
• Low crosstalk: –70dB @ 30 Mbps
• Low insertion loss and On-Resistance: 6-ohms typical
• Off isolation: –55dB @ 30 Mbps
• Wide bandwidth data rates >135 Mbps
• Low Quiescent Supply Current (100nA typical)
• Packaging (Pb-free & Green available):
– 16-pin 150-mil wide plastic SOIC (W)
– 16-pin 150-mil wide plastic QSOP (Q)
– 16-pin 173-mil wide plastic TSSOP (L)
TruthTable(1)
Note:
1. H = High Voltage Level
L = Low Voltage Level
Switches are shown with logic "0" input (Select and Enable)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
S
1A0
1A1
YA
1Bo
1B1
YB
GND
VCC
E
1D0
1D1
YD
1C0
1C1
YC
Description
Pericom Semiconductor’s PI5L200 is a Rail-to-Rail Quad 2:1
multiplexer/demultiplexer LanSwitch with 3-state outputs. The On-
Resistance typically varies from 5 ohms to 7 ohms with data inputs
of 0V to 5V. Generally, this part can be used to replace mechanical
relays in low voltage (3.3V/5V systems) LAN applications.
With a wide bandwidth of 135 MHz, the PI5L200 can switch Fast
Ethernet and ATM25 signals. Into 100-ohm UTP cables, the switch
distortion is typically less than two percent. Crosstalk @30 MHz is
–70dB. The PI5L200 operates from a single 3.3V/5V supply and
interface to TTL logic.
Applications
• 10/100 Base-TX/T4
• 100VG-AnyLAN
• Token Ring 4/16 Mbps
• ATM25
• NIC Adapter and Hubs
• SONET OCI 51.8Mbps
• T1/E1
ES
A
YB
YC
YD
Yn
o
i
t
c
n
u
F
HX
Z
-i
HZ
-i
HZ
-i
HZ
-i
He
l
b
a
s
i
D
LL
0
A
I0
B
I0
C
I0
D
I0
=
S
LH
1
A
I1
B
I1
C
I1
D
I1
=
S
e
m
a
N
n
i
Pn
o
i
t
p
i
r
c
s
e
D
n
D
I
-
n
A
Is
t
u
p
n
I
a
t
a
D
Ss
t
u
p
n
I
t
c
e
l
e
S
Ee
l
b
a
n
E
D
Y
-
A
Ys
t
u
p
t
u
O
a
t
a
D
D
N
Gd
n
u
o
r
G
V C
C
r
e
w
o
P
PI5L200
Precision Wide Bandwidth LanSwitch
Quad 2:1 Mux/DeMux
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
YA
IA0
IA1
YB
IB0
IB1
YC
IC0
IC1
YD
ID0
ID1
DECODER/DRIVER
ES


Similar Part No. - PI5L200

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5L200 PERICOM-PI5L200 Datasheet
185Kb / 9P
Precision Wide Bandwidth LanSwitch Quad 2 1 Mux/DeMux
PI5L200QX PERICOM-PI5L200QX Datasheet
185Kb / 9P
Precision Wide Bandwidth LanSwitch Quad 2 1 Mux/DeMux
More results

Similar Description - PI5L200

ManufacturerPart #DatasheetDescription
logo
Vaishali Semiconductor
VS3257 VAISH-VS3257 Datasheet
56Kb / 6P
Quad 2:1 Mux/Demux VSwitch
logo
Pericom Semiconductor C...
PI5L100 PERICOM-PI5L100 Datasheet
213Kb / 13P
Wide Bandwidth Low Voltage LanSwitch Quad 2:1 Mux/Demux
PI3L100 PERICOM-PI3L100 Datasheet
74Kb / 6P
3.3V, Wide Bandwidth Quad 2:1 Mux/Demux LanSwitch
PI5C3257 PERICOM-PI5C3257 Datasheet
38Kb / 3P
Quad 2:1 MUX/DEMUX BusSwitch
logo
Potato Semiconductor Co...
PO3B3257A POTATO-PO3B3257A Datasheet
558Kb / 6P
Quad 2:1 Mux/DeMux
PO3B22A POTATO-PO3B22A_14 Datasheet
1Mb / 5P
Wide Bandwidth, Dual 2:1 Mux/DeMux
PO3B3257A POTATO-PO3B3257A_14 Datasheet
1Mb / 5P
Quad 2:1 Mux/DeMux
logo
Pericom Semiconductor C...
PI5C3257L PERICOM-PI5C3257L Datasheet
476Kb / 6P
Quad 2 1 Mux/DeMux BusSwitch
PI5L200QX PERICOM-PI5L200QX Datasheet
185Kb / 9P
Precision Wide Bandwidth LanSwitch Quad 2 1 Mux/DeMux
logo
Analog Devices
ADG774 AD-ADG774_15 Datasheet
140Kb / 12P
Wide Bandwidth Quad 2:1 Mux
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com