Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDA12 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # SDA12
Description  SCHOTTKY DIODE ARRAY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SDA12 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SDA12 Datasheet HTML 1Page - List of Unclassifed Manufacturers SDA12 Datasheet HTML 2Page - List of Unclassifed Manufacturers SDA12 Datasheet HTML 3Page - List of Unclassifed Manufacturers SDA12 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SDA12
I
F vs VF Characteristic
I
F vs VF Characteristic
Low I
F vs VF Characteristic
TYPICAL CHARACTERISTICS
SWITCHING CHARACTERISTICS (over operating free-air temperature range)
PARAMETER
SYMBOL MIN.
TYP.
MAX
UNIT
CONDITIONS
Reverse Recovery Time
trr
816
ns
IF=10mA
IR(REC)=1mA
IRM(REC) =10mA
RL=100Ω
4-5



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com