Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDA12 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SDA12
Description  SCHOTTKY DIODE ARRAY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SDA12 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SDA12 Datasheet HTML 1Page - List of Unclassifed Manufacturers SDA12 Datasheet HTML 2Page - List of Unclassifed Manufacturers SDA12 Datasheet HTML 3Page - List of Unclassifed Manufacturers SDA12 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ABSOLUTE MAXIMUM RATING (at Tamb=25°C unless otherwise stated)*
Steady-State Reverse Voltage
7V
Continuous Forward Current
50mA(1)
170mA(2)
Repetitive Peak Forward Current (3)
200mA(1)
1A(2)
Continuous Total Power Dissipation (4)
(SO or DIL packages)
625mW
Operating Free-air Temperature Range
0 to 70°C
Storage Temperature Range
-65 to 150°C
* Stresses beyond those listed above may cause permanent damage to the device. These are stress
ratings only and functional operation of the device at these or any other conditions beyond those
indicated under the recommended operating conditions is not implied. Exposure to absolute
maximum rated conditions for extended periods of time may affect device reliability.
Note:
(1) Any D terminal from Gnd or to VCC
(2) Total through all Gnd or VCC terminals
(3) These values apply for tW=100
µs, duty cycle ≤ 20%
(4) For operation above 25°C , derate linearly at the rate of 6.25mW/°C
ELECTRICAL CHARACTERISTICS (at Tamb=25°C unless otherwise stated)
Single-Diode Operation
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
CONDITIONS
Static Forward Voltage
VF
0.85
1.05
V
To VCC , IF=18mA
1.05
1.3
V
To VCC , IF=50mA
0.75
0.95
V
From Gnd, IF=18mA
0.95
1.2
V
From Gnd, IF=50mA
Peak Forward Voltage
VFM
1.45
V
IF=200mA
Static Reverse Current
IR
6
µA
To VCC ,VR=7V
5
µA
From Gnd, VR=7V
Total Capacitance
CT
616
pF
VR=0, f=1MHz
46
pF
VR=2V, f=1MHz
Note:
(5) Test conditions and limits apply separately to each of the diodes. The diodes not under test are
open circuited during the measurement of these characteristics.
Multiple-Diode Operation
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
CONDITIONS
Internal Crosstalk Current
IX
0.8
2
mA
Total IF=1A (6)
0.02
0.2
mA
Total IF=198mA (6)
Note:
(6) IX is measured under the following conditions with one diode static, and all others switching.
Switching diodes: tW=100
µs, duty cycle=0.2; static diode; VR=5V. The static diode input current is the
internal crosstalk current IX.
SDA12
4-4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com