Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDA12 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SDA12
Description  SCHOTTKY DIODE ARRAY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SDA12 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SDA12 Datasheet HTML 1Page - List of Unclassifed Manufacturers SDA12 Datasheet HTML 2Page - List of Unclassifed Manufacturers SDA12 Datasheet HTML 3Page - List of Unclassifed Manufacturers SDA12 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DEVICE DESCRIPTION
The SDA12 Schottky Barrier Diode Array is
designed to reduce reflection noise on high
speed parallel data lines.
The device helps suppress transients caused
by transmission line reflections, cross talk and
switching noise.
The SDA12 consists of an array of 6 high speed
Schottky diode pairs suitable for clamping to
VCC and / or Gnd.
FEATURES
• Reduced reflection noise
• Repetitive peak forward current -
200mA
• 6 diode pairs
• SO8 and DIL8 packages
APPLICATIONS
• Termination of data lines
• Protection of memory devices
SCHOTTKY DIODE ARRAY
ISSUE 2 – JANUARY 1998
D01 D02 D03 D04 D05 D06 VCC
Gnd
SCHEMATIC DIAGRAM
SDA12
4-3


Similar Part No. - SDA12

ManufacturerPart #DatasheetDescription
logo
Conquer Electronics Co....
SDA12.5 CONQUER-SDA12.5 Datasheet
548Kb / 1P
15.6 x 5.2 x 5.2 mm
logo
Shanghai Leiditech Elec...
SDA1201P LEIDITECH-SDA1201P Datasheet
641Kb / 3P
UNIDIRECTIONAL TVS DIODE
SDA1211CBP LEIDITECH-SDA1211CBP Datasheet
443Kb / 3P
BIDIRECTIONAL TVS DIODE
SDA1211CDN LEIDITECH-SDA1211CDN Datasheet
154Kb / 3P
BIDIRECTIONAL TVS DIODE
logo
Solid States Devices, I...
SDA12500 SSDI-SDA12500 Datasheet
205Kb / 2P
5 AMP RECITIFIER ASSEMBLY
More results

Similar Description - SDA12

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
SDA24 ZETEX-SDA24 Datasheet
674Kb / 4P
SCHOTTKY DIODE ARRAY
SDA32 ZETEX-SDA32 Datasheet
691Kb / 4P
SCHOTTKY DIODE ARRAY
logo
Chenmko Enterprise Co. ...
MPL860PT CHENMKO-MPL860PT Datasheet
211Kb / 2P
SCHOTTKY DIODE ARRAY
MPL3100PT CHENMKO-MPL3100PT Datasheet
210Kb / 2P
SCHOTTKY DIODE ARRAY
MPL5100PT CHENMKO-MPL5100PT Datasheet
235Kb / 2P
SCHOTTKY DIODE ARRAY
MPL8100PT CHENMKO-MPL8100PT Datasheet
218Kb / 2P
SCHOTTKY DIODE ARRAY
MPL15100PT CHENMKO-MPL15100PT Datasheet
238Kb / 2P
SCHOTTKY DIODE ARRAY
SPL840PT CHENMKO-SPL840PT Datasheet
166Kb / 2P
SCHOTTKY DIODE ARRAY
SPL1040ACTPT CHENMKO-SPL1040ACTPT Datasheet
197Kb / 2P
SCHOTTKY DIODE ARRAY
SPL1040PT CHENMKO-SPL1040PT Datasheet
170Kb / 2P
SCHOTTKY DIODE ARRAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com