Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IC-LO Datasheet(PDF) 13 Page - IC-Haus GmbH

Part # IC-LO
Description  TRIANGULATION SENSOR
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-LO Datasheet(HTML) 13 Page - IC-Haus GmbH

Back Button IC-LO Datasheet HTML 9Page - IC-Haus GmbH IC-LO Datasheet HTML 10Page - IC-Haus GmbH IC-LO Datasheet HTML 11Page - IC-Haus GmbH IC-LO Datasheet HTML 12Page - IC-Haus GmbH IC-LO Datasheet HTML 13Page - IC-Haus GmbH IC-LO Datasheet HTML 14Page - IC-Haus GmbH IC-LO Datasheet HTML 15Page - IC-Haus GmbH IC-LO Datasheet HTML 16Page - IC-Haus GmbH IC-LO Datasheet HTML 17Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
prel
imin
ary
prel
imin
ary
iC-LO
TRIANGULATION SENSOR
Rev B3, Page 13/25
The effect of the individual parameters is shown in fig-
ure 2.
I(LCC)
t(PW)
1/freq(PER)
Figure 2: Light pulse
NEAR/FAR CHANNEL PARTITION AND AMPLIFICATION
The typical spectral sensitivity is shown in figure 3.
Wave Length [nm]
Figure 3: Spectral sensitivity of the photodiode
The diode array is partitioned into two channels (one
near and one far channel). The channelwise received
photocurrents are added, converted to voltages and
amplified. Afterwards a differential comparator decides
whether the signal of the near or far channel is greater.
A greater signal in the near channel indicates an object
within the defined near range and the switching output
is activated.
Current/voltage conversion
The transimpedance of the current/voltage conversion
can be configured according to the expected photocur-
rents. In the static transimpedance setting modes
this configuration is not altered by iC-LO. If the tran-
simpedance amplifier exceeds a high set point it contin-
ues with a logarithmic characteristic. In the logarithmic
range the parametrized switching point can shift if the
digital potentiometer is used (table 13). iC-LO thus has
an automatic mode which selects the transimpedance
depending on the received sum light current. The tran-
simpedance set in the automatic modes represents the
start value in operating mode STARTUP/RESET. Two
comparators monitor the sum light current and switch
up or down one transimpedance step when the fixed
thresholds are either overshot or undershot. If the tran-
simpedance setting is to be changed during operation,
after programming the device must be reset (operating
mode STARTUP/RESET).
TIM
Addr. 0x04; bit 7:5
RW
Code
Mode
R Tran-
simpedance
Rac
Transimpedance
0x0
static
50 kΩ
112.5 kΩ
0x1
static
7765 Ω
17.5 kΩ
0x2
static
600 Ω
1350 Ω
0x3
static
45 Ω
101 Ω
0x4
auto
50 kΩ
112.5 kΩ
0x5
auto
7765 Ω
17.5 kΩ
0x6
auto
600 Ω
1350 Ω
0x7
auto
45 Ω
101 Ω
Table 11: Transimpedance Mode
Channel partitioning
The block diagram on page 1 depicts the signal chain.
There are two ways in which the differential comparator
input signals and thus the necessary sensing distance
can be configured in iC-LO. The two setting parameters
are implemented in two sets of parameters twice. One
of these sets of parameters is active when the switching
state is off - i.e. the object was in the far range during
the last measurement (parameter set OBF). The other
is used in switching state on (parameter set OBN). De-
pending on the difference of the switching points of the
two sets of parameters, a freely selectable switching
hysteresis can be set.
Setting parameters for the near/far channel Diodes
are partitioned to the near and far channels using pa-
rameters SPF and SPN. SPF belongs to parameter set
OBF and SPN to parameter set OBN. Diodes from 0
(near diode) to the set value are assigned to the near



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com