Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IC-LO Datasheet(PDF) 2 Page - IC-Haus GmbH

Part # IC-LO
Description  TRIANGULATION SENSOR
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-LO Datasheet(HTML) 2 Page - IC-Haus GmbH

  IC-LO Datasheet HTML 1Page - IC-Haus GmbH IC-LO Datasheet HTML 2Page - IC-Haus GmbH IC-LO Datasheet HTML 3Page - IC-Haus GmbH IC-LO Datasheet HTML 4Page - IC-Haus GmbH IC-LO Datasheet HTML 5Page - IC-Haus GmbH IC-LO Datasheet HTML 6Page - IC-Haus GmbH IC-LO Datasheet HTML 7Page - IC-Haus GmbH IC-LO Datasheet HTML 8Page - IC-Haus GmbH IC-LO Datasheet HTML 9Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
prel
imin
ary
prel
imin
ary
iC-LO
TRIANGULATION SENSOR
Rev B3, Page 2/25
DESCRIPTION
iC-LO is suitable for the assembly of diffuse reflec-
tive photoelectric sensors based on the principle of
triangulation. Besides iC-LO, all that is required to
create such a setup is a transmitting LED, a low-cost
microcontroller, and a driver device for the switching
output.
The iC contains a photodiode array, consisting of one
near diode, 127 middle diodes, and one far diode.
The diode photocurrents are segmented on two AC
amplifiers (near and far channel). The AC amplifiers
ensures a very good suppression of low-frequency
interference. The sum and difference are calculated
from the output voltages of the amplifiers; these are
evaluated by comparators. From the comparator sig-
nals a programmable filter for the evaluation of multi-
ple measurements generates the switching signal for
the light sensor and also a warning on weak received
light. The gain characteristic is dynamically adjusted
to the intensity of the received light and becomes a
logarithmic characteristic with very powerful input sig-
nals (reflective objects). This results in a very high
dynamic range. The integrated low side driver can
drive an LED directly or control an external driver by
CMOS output.
iC-LO is configured using an SPI interface. The inter-
nal registers can be protected against overwriting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com