Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IC-LO Datasheet(PDF) 21 Page - IC-Haus GmbH

Part # IC-LO
Description  TRIANGULATION SENSOR
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-LO Datasheet(HTML) 21 Page - IC-Haus GmbH

Back Button IC-LO Datasheet HTML 17Page - IC-Haus GmbH IC-LO Datasheet HTML 18Page - IC-Haus GmbH IC-LO Datasheet HTML 19Page - IC-Haus GmbH IC-LO Datasheet HTML 20Page - IC-Haus GmbH IC-LO Datasheet HTML 21Page - IC-Haus GmbH IC-LO Datasheet HTML 22Page - IC-Haus GmbH IC-LO Datasheet HTML 23Page - IC-Haus GmbH IC-LO Datasheet HTML 24Page - IC-Haus GmbH IC-LO Datasheet HTML 25Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
prel
imin
ary
prel
imin
ary
iC-LO
TRIANGULATION SENSOR
Rev B3, Page 21/25
Write INSTRUCTION
The command Write INSTRUCTION is designed to en-
able a fast setting of the internal, slave-specific com-
mand registers. The opcode sets the address in the
slave to the lowest command register address. The
instruction data bytes (INST1-INSTn) are send directly
after the OPCODE byte. This command largely cor-
responds to the Write REGISTER (cont.) command,
with the difference that here the addressing sequence
is missing and the master does not need to know the
slave’s exact INST address.
INST1
8 cycles
SCLK
MOSI
MISO
NCS
OP
OP
INST2
...
INST1
INST2
...
Figure 13: Write INSTRUCTION
POWER DOWN RESET
The internal power-down reset (low active) is output
through NRES. The enable (rising edge) is delayed
(see R04).
CONFIGURATION NOTES
• Parameter SKO should be programmed to 0x5 so that it is adjusted to suit the signal conditioning chain in iC-LO
(see table 20).
• The light pulse width programmed using parameter PW (see table 10) should be at least 0.5 µs longer than
SKO (see table 20).
• External laser/LED driver latency needs to be considered with the sampling time of iC-LO (parameter SKO see
table 20).
• Operating mode SINGLE_MEASURE only functions when FIN = FIM = 0x0 (see table 18/19).
CHIP REVISION
The parameter REV in the iC-LO ROM provides the
chip revision.
REV
Addr. 0x12; bit 7:0
R
Code
Chip revision
0x0
iC-LO 0
0x1
iC-LO 1
0x2
iC-LO ZA
0x3
iC-LO ZB
0x4
iC-LO ZA1
0x5
iC-LO Y
0x6
reserved
. . .
0xFF
reserved
Table 32: Chip Revision



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com