Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IC-MB4 Datasheet(PDF) 11 Page - IC-Haus GmbH

Part # IC-MB4
Description  BiSS INTERFACE MASTER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-MB4 Datasheet(HTML) 11 Page - IC-Haus GmbH

Back Button IC-MB4 Datasheet HTML 7Page - IC-Haus GmbH IC-MB4 Datasheet HTML 8Page - IC-Haus GmbH IC-MB4 Datasheet HTML 9Page - IC-Haus GmbH IC-MB4 Datasheet HTML 10Page - IC-Haus GmbH IC-MB4 Datasheet HTML 11Page - IC-Haus GmbH IC-MB4 Datasheet HTML 12Page - IC-Haus GmbH IC-MB4 Datasheet HTML 13Page - IC-Haus GmbH IC-MB4 Datasheet HTML 14Page - IC-Haus GmbH IC-MB4 Datasheet HTML 15Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
prel
imin
ary
prel
imin
ary
iC-MB4
BiSS INTERFACE MASTER
Rev B2, Page 11/40
OPERATING REQUIREMENTS: µC Interface, INTEL mode
Operating conditions: CFGSPI = 0, INT_NMOT = 1, VDD = 3.0 . . . 5.5 V, Tj = -40 . . . 125 °C
lo input level = 0 . . . 0.8 V, hi input level = 2.0 V . . . VDD, lo output level = 0 . . . 0.4 V, hi output level = 2.4 V . . . VDD
Alias: NRD = NRD_RNW, NWR = NWR_E
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Max.
I001 tsCA
Setup Time:
NCS lo before ALE hi→lo
10
ns
I002 tsDA
Setup Time:
Data stable before ALE hi→lo
15
ns
I003 thDA
Hold Time:
Data stable after ALE hi→lo
15
ns
I004 tAh
Signal Duration:
ALE at high level
10
ns
I005 tsAR
Setup Time:
ALE lo before NRD hi→lo
10
ns
I006 thAR
Hold Time:
ALE lo after NRD lo→hi
NCS = lo
10
ns
I007 tRl
Signal Duration:
NRD at low level
NCS = lo
10
ns
I008 tpRD1
Propagation Delay:
Data stable after NRD hi→lo
NCS = lo, CL = 50 pF
25
ns
I009 tpRD2
Propagation Delay:
Data bus high impedance after NRD
lo→hi
NCS = lo, CL = 50 pF
25
ns
I010 thCR
Hold Time:
NCS lo after NRD lo→hi
10
ns
I011 tsAW
Setup Time:
ALE lo before NWR hi→lo
10
ns
I012 thAW
Hold Time:
ALE lo after NWR lo→hi
NCS = lo
10
ns
I013 tWl
Signal Duration:
NWR at low level
NCS = lo
10
ns
I014 tsDW
Setup Time:
Data stable before NWR lo→hi
NCS = lo
15
ns
I015 thDW
Hold Time:
Data stable after NWR lo→hi
NCS = lo
15
ns
I016 thCW
Hold Time:
NCS lo after NWR lo→hi
10
ns
Figure 3: Read cycle (Intel mode)
Figure 4: Write cycle (Intel mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com